Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC14A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC14A
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC14A Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC14A Datasheet HTML 1Page - Texas Instruments SN74LVC14A Datasheet HTML 2Page - Texas Instruments SN74LVC14A Datasheet HTML 3Page - Texas Instruments SN74LVC14A Datasheet HTML 4Page - Texas Instruments SN74LVC14A Datasheet HTML 5Page - Texas Instruments SN74LVC14A Datasheet HTML 6Page - Texas Instruments SN74LVC14A Datasheet HTML 7Page - Texas Instruments SN74LVC14A Datasheet HTML 8Page - Texas Instruments SN74LVC14A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54LVC14A, SN74LVC14A
HEX SCHMITT-TRIGGER INVERTERS
SCAS285R – MARCH 1993 – REVISED SEPTEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
SN54LVC14A
SN74LVC14A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VT+
2.7 V
0.8
2
0.8
2
VT+
Positive-going
3 V
0.8
2
0.8
2
V
threshold
3.6 V
0.8
2
0.8
2
VT–
2.7 V
0.4
1.4
0.4
1.4
VT–
Negative-going
3 V
0.6
1.5
0.6
1.5
V
threshold
3.6 V
0.8
1.8
0.8
1.8
∆VT
2.7 V
0.3
1.1
0.3
1.1
∆VT
Hysteresis
3 V
0.3
1.2
0.3
1.2
V
(VT+ – VT–)
3.6 V
0.3
1.2
0.3
1.2
IOH = 100 µA
1.65 V to 3.6 V
VCC–0.2
IOH = –100 µA
2.7 V to 3.6 V
VCC–0.2
IOH = –4 mA
1.65 V
1.2
VOH
IOH = –8 mA
2.3 V
1.7
V
IOH = 12 mA
2.7 V
2.2
2.2
IOH = –12 mA
3 V
2.4
2.4
IOH = –24 mA
3 V
2.2
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 100 µA
2.7 V to 3.6 V
0.2
VOL
IOL = 4 mA
1.65 V
0.45
V
VOL
IOL = 8 mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
II
VI = 5.5 V or GND
3.6 V
±5
±5
µA
ICC
VI = VCC or GND, IO = 0
3.6 V
10
10
µA
∆ICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
2.7 V to 3.6 V
500
500
µA
Ci
VI = VCC or GND
3.3 V
5
5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
SN54LVC14A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
tpd
A
Y
7.5
1
6.4
ns


Similar Part No. - SN74LVC14A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC14A TI-SN74LVC14A Datasheet
552Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74LVC14A TI-SN74LVC14A Datasheet
825Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74LVC14A-EP TI1-SN74LVC14A-EP Datasheet
523Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74LVC14A-Q1 TI1-SN74LVC14A-Q1 Datasheet
243Kb / 10P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74LVC14AD TI-SN74LVC14AD Datasheet
552Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN74LVC14A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com