Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM9501B Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM9501B
Description  Radio Controlled Clock Receiver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9501B Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM9501B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9501B Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SM9501A/B
NIPPON PRECISION CIRCUITS INC.—2
PAD LAYOUT (CF9501A)
(Unit:
µm)
PAD NAME and DIMENSIONS (CF9501A)
Chip size: 1.43
× 2.36mm
Chip thickness: 300 ± 30µm
PAD size: 100µm (TN: 80µm)
Chip base: VSS level
Number
Name
Pad dimensions [µm]
XY
1
VDDA
386
2117
2
IN1
177
2035
3
IN3
177
1766
4
IN2
177
1486
5
FCN
177
1217
6
XO
177
937
7
VSSA
177
586
8
XI
177
288
9
LF
1237
286
10
CB
1237
555
11
CP
1237
809
12
HLDN
1237
1078
13
VSS
1237
1302
14
OUT
1237
1755
15
PON
1237
2035
16
VDD
1031
2117
TN1
1. For test mode
1257
1506
IN1
VDDA
PON
(0,0)
(1430,2360)
DA9501
NPC
1
2
5
4
3
13
14
15
16
7
6
8
9
10
11
12
OUT
VSS
HLDN
CP
CB
LF
IN3
IN2
FCN
XO
VSSA
XI
VDD
TN


Similar Part No. - SM9501B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
SM9501BV NPC-SM9501BV Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
More results

Similar Description - SM9501B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM9503A NPC-SM9503A Datasheet
120Kb / 9P
   Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
logo
Gunter Seniconductor Gm...
AK2124 GSG-AK2124 Datasheet
110Kb / 6P
   Radio Controlled Clock Receiver
AK2125 GSG-AK2125 Datasheet
109Kb / 6P
   Radio Controlled Clock Receiver
AK2127 GSG-AK2127 Datasheet
104Kb / 6P
   Radio Controlled Clock Receiver
logo
TEMIC Semiconductors
U4221B TEMIC-U4221B Datasheet
169Kb / 12P
   Radio Controlled Clock Receiver
U4222B TEMIC-U4222B Datasheet
95Kb / 9P
   Radio Controlled Clock Receiver
logo
List of Unclassifed Man...
D6002 ETC1-D6002 Datasheet
121Kb / 6P
   RADIO CONTROLLED RECEIVER IC
logo
PREMO CORPORATION S.L
RCA-SMD PREMO-RCA-SMD_14 Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
RCA-SMD PREMO-RCA-SMD Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com