Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-0600 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HFBR-0600
Description  SERCOS Fiber Optic Transmitters and Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-0600 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HFBR-0600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-0600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-0600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-0600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-0600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-0600 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
HFBR-1602/1604 Transmitters
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Reference
Storage Temperature
T
S
-55
85
°C
Operating Temperature
T
A
-40
85
°C
Lead Soldering Cycle
Temp.
260
°C
Note 1
Time
10
s
Note 1
Forward Input Current Peak
I
FPK
120
mA
Forward Input Current Average
I
Favg
60
mA
Reverse Input Voltage
V
BR
-5
V
Electrical/Optical Characteristics 0 to 55
°C, unless otherwise stated.
Parameter
Symbol
Min.
Typ.[2]
Max.
Unit
Condition
Reference
Forward Voltage
V
F
1.5
1.9
2.2
V
I
F = 35 mA
Forward Voltage
∆V
F/∆T
-1.2
mV/
°CI
F = 35 mA
Temp. Coefficient
Reverse Input Voltage
V
BR
-5.0
-18
V
I
R = 100 µA
Peak Emission
λ
P
640
655
675
nm
Wavelength
Full Width Half
FWHM
20
30
nm
25
°C
Maximum
Diode Capacitance
C
T
30
pF
V
F = 0
f = 1 MHz
Optical Power Temp.
∆P
T/∆T
-0.01
dBm/
°CI
F = 35 mA
Coefficient
Thermal Resistance
θ
JA
330
°C/W
Notes 3, 4
Peak Optical Output
P
T1602
-10.5
-5.5
dBm
I
F = 35 mA
Notes 5, 6,
Power of HFBR-1602
11
Peak Optical Output
P
T1604
-7.5
-3.5
dBm
I
F = 60 mA
Notes 5, 6,
Power of HFBR-1604
-10.5
-5.5
dBm
I
F = 35 mA
11
Rise Time (10% to 90%)
t
r
57
ns
I
F = 60 mA
50
ns
I
F = 35 mA
Fall Time (90% to 10%)
t
f
40
ns
I
F = 60 mA
27
ns
I
F = 35 mA


Similar Part No. - HFBR-0600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0600Z AVAGO-HFBR-0600Z Datasheet
371Kb / 6P
   SERCOS Fiber Optic Transmitters and Receivers
logo
Broadcom Corporation.
HFBR-0600Z BOARDCOM-HFBR-0600Z Datasheet
764Kb / 9P
   SERCOS Fiber Optic Transmitters and Receivers
More results

Similar Description - HFBR-0600

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-0600Z BOARDCOM-HFBR-0600Z Datasheet
764Kb / 9P
   SERCOS Fiber Optic Transmitters and Receivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0600Z AVAGO-HFBR-0600Z Datasheet
371Kb / 6P
   SERCOS Fiber Optic Transmitters and Receivers
logo
Agilent(Hewlett-Packard...
HFBR-2506AM HP-HFBR-2506AM Datasheet
188Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2506AMZ AVAGO-HFBR-2506AMZ Datasheet
235Kb / 6P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-1506AM AVAGO-HFBR-1506AM Datasheet
170Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
Agilent(Hewlett-Packard...
HFBR-1505A HP-HFBR-1505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2505AZ AVAGO-HFBR-2505AZ Datasheet
101Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
logo
Broadcom Corporation.
AFBR-1555ARZ BOARDCOM-AFBR-1555ARZ Datasheet
549Kb / 9P
   Reinforced Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com