Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66255FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M66255FP
Description  8192 x 10-BIT LINE MEMORY (FIFO)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66255FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M66255FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66255FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66255FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66255FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66255FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66255FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66255FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66255FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66255FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
MITSUBISHI
〈DIGITAL ASSP〉
M66255FP
8192
× 10-BIT LINE MEMORY (FIFO)
MITSUBISHI
〈DIGITAL ASSP〉
M66255FP
8192
× 10-BIT LINE MEMORY (FIFO)
DESCRIPTION
The M66255FP is a high-speed line memory with a FIFO
(First In First Out) structure of 8192-word
× 10-bit configura-
tion which uses high-performance silicon gate CMOS pro-
cess technology.
It has separate clock, enable and reset signals for write and
read, and is most suitable as a buffer memory between de-
vices with different data processing throughput.
FEATURES
• Memory configuration of 8192 words
× 10 bits (dynamic
memory)
• High-speed cycle ............................................. 30ns (Min.)
• High-speed access ......................................... 25ns (Max.)
• Output hold ........................................................ 5ns (Min.)
• Fully independent, asynchronous write and read operations
• Variable length delay bit
• Output .................................................................... 3 states
APPLICATION
Digital photocopiers, high-speed facsimile, laser beam print-
ers.
PIN CONFIGURATION (TOP VIEW)
BLOCK DIAGRAM
23
MEMORY ARRAY OF
8192-WORD
× 10-BIT
CONFIGURATION
22
20
21
WE
WRES
WCK
VCC
WRITE
ENABLE INPUT
WRITE
RESET INPUT
WRITE
CLOCK INPUT
6
7
9
8
RE
RRES
RCK
GND
READ
ENABLE INPUT
READ
RESET INPUT
READ
CLOCK INPUT
16
15
28
INPUT BUFFER
DATA INPUT
D0
D9
OUTPUT BUFFER
17 18 19 24 25 26 27
1
3 4 5 10 11 12 13
DATA OUTPUT
Q0
Q9
DATA INPUT
DATA OUTPUT
DATA OUTPUT
DATA INPUT
28
17
18
19
20
21
22
23
24
25
26
READ ENABLE INPUT
WRITE ENABLE INPUT
WRITE RESET INPUT
WRITE CLOCK INPUT
READ RESET INPUT
READ CLOCK INPUT
27
1
11
12
15
16
13
14
10
9
8
7
6
5
4
3
2
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
RCK →
RRES →
RE →
GND
← D0
← D1
← D2
← D3
← D4
← WE
← WRES
← WCK
← D5
← D6
← D7
← D8
← D9
VCC
Outline 28P2W-C
~~
2
14


Similar Part No. - M66255FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66255FP RENESAS-M66255FP Datasheet
168Kb / 14P
   8192 횞 10-Bit Line Memory (FIFO)
More results

Similar Description - M66255FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66255FP RENESAS-M66255FP Datasheet
168Kb / 14P
   8192 횞 10-Bit Line Memory (FIFO)
logo
Mitsubishi Electric Sem...
M66282FP MITSUBISHI-M66282FP Datasheet
83Kb / 12P
   8192 x 8-BIT LINE MEMORY
M66258FP MITSUBISHI-M66258FP Datasheet
114Kb / 12P
   8192 x 8-BIT LINE MEMORY
M66252P MITSUBISHI-M66252P Datasheet
145Kb / 11P
   1152 x 8-BIT LINE MEMORY FIFO
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
   5120 x 8-BIT LINE MEMORY (FIFO)
logo
Renesas Technology Corp
M66258FP RENESAS-M66258FP Datasheet
168Kb / 14P
   8192 횞 8-Bit Line Memory
M66282FP RENESAS-M66282FP Datasheet
159Kb / 14P
   8192 횞 8-Bit Line Memory
logo
Mitsubishi Electric Sem...
M66257FP MITSUBISHI-M66257FP Datasheet
122Kb / 10P
   5120 x 8-BIT x 2 LINE MEMORY (FIFO)
M66250P MITSUBISHI-M66250P Datasheet
649Kb / 21P
   5120 X 8-BIT LINE MEMORY(FIFO/LIFO)
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com