Electronic Components Datasheet Search |
|
BD-A835RE Datasheet(PDF) 2 Page - Yellow Stone Corp |
|
BD-A835RE Datasheet(HTML) 2 Page - Yellow Stone Corp |
2 / 2 page DD-25 BD- A C81xRD DD-26 BD- EF81xRD DD-27 BD- EF81xRD-A DD-28 BD- A C83xRD DD-29 BD- EF83xRD DD-30 BD- EF84xRD-A NOTES: 1.All Dimensions are in millimeters(inches). 2.Tolerance isA0.25mm(.010D). 3.Specifications are subject to change without notice. 4.NP:No Pin. 5.NC:No Connect. 6 D 8 B 9 A 7 C 4 E 5 F 3 G 10 DP D1 12 D2 PIN 1. + E2.0(.079) MIN. D DP E D1 A G F C B D2 20.32(.800) 25.70(1.011) 21.80(.860) E0.50(.020) 3.00(.118) 2.54(.100) 35.60(1.402) 10.00(.394) 12.30(.484) 10B BD-E81xRD BD-E81xRD 10.00(.394) 25.70(1.011) 11 7 42 5 110 3 E0.50(.020) PIN 1. E A B CD FG DP D1 35.60(1.402) 2.54(.100) 8 3.00(.118) E2.0(.079) 10B + 12.30(.484) D2 E MIN. 6 D1 C DP D F G D2 A B 21.80(.860) 20.32(.800) D DP 3 2.54(.100) C B A 16 15 DP G F DE 2 1 18 17 4 BD-A83xRD 14 D1 D2 13 37.0(1.456) + E0.50(.020) PIN 1. 20.00(.787) 10.10(.397) 3.00(.118) E2.0(.079) MIN. 29.0(1.141) 11.0(.433) 10B E F C G B D1 D2 A 21.80(.860) AB 11 D C 8 10 6 EF 5 12 GDP 7 9 2.54(.100) A 8 B 9 C 7 E0.50(.020) 10 D 6 E 5 G 4 FDP 3 3.00(.118) BD-E83xRD 10.10(.397) D1 1 2 MIN. DP D D2 E F C G B 10B 37.0(1.456) 20.00(.787) PIN 1. + 29.0(1.141) E2.0(.079) 11.0(.433) D1 A D2 21.80(.860) 2.54(.100) E0.50(.020) PIN 1. 35.6(1.40) E2.0(.079) 3.00(.118) 10.0(.394) BD-E84xRD-A MIN. C DP G E D F D1 D2 A B 12.3(.484) 20.1(.791) 10B + 25.7(1.012) 21.80(.860) 1 2 D1 D2 6 7 98 AB CD 10 3 4 5 EF GDP PIN 1. F 15 B 16 A E C 3 D 2 18 F 1 G 17 D1 14 + E 5 E 11 A DP 4 B 10 C 8 D 6 13 DP F 12 G 7 D2 9 E2.0(.079) D1 C D DP G D2 A B 3.00(.118)MIN. 10.00(.394) 25.70(1.011) 35.60(1.402) 20.32(.800) 10B 12.30(.484) 21.80(.860) 2.54(.100) E0.50(.020) BD-C81xRD Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |
Similar Part No. - BD-A835RE |
|
Similar Description - BD-A835RE |