Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-HMC01F2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF06-HMC01F2
Description  6 LINES EMI FILTER INCLUDING ESD PROTECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-HMC01F2 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF06-HMC01F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-HMC01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EMIF06-HMC01F2
6/7
Figure 14: FLIP-CHIP Tape and Reel Specification
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 +/- 0.1
4 +/- 0.1
Ø 1.5 +/- 0.1
0.73 +/- 0.05
Table 5: Ordering Information
Note: More packing informations are available in the application note
AN1235: “Flip-Chip: Package description and recommendations for use”
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
EMIF06-HMC01F2
GH
Flip-Chip
5.3 mg
5000
Tape & reel 7”
Table 6: Revision History
Date
Revision
Description of Changes
25-Jan-2005
1
First issue.


Similar Part No. - EMIF06-HMC01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2 Datasheet
231Kb / 8P
   6-line IPAD, EMI filter including ESD protection
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2_08 Datasheet
231Kb / 8P
   6-line IPAD, EMI filter including ESD protection
More results

Similar Description - EMIF06-HMC01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF04-MMC02F1 STMICROELECTRONICS-EMIF04-MMC02F1 Datasheet
170Kb / 7P
   4 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2 Datasheet
134Kb / 7P
   3 LINES EMI FILTER INCLUDING ESD PROTECTION
December 2004 REV. 2
EMIF04-MMC02F2 STMICROELECTRONICS-EMIF04-MMC02F2 Datasheet
95Kb / 7P
   4 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-USB01 STMICROELECTRONICS-EMIF02-USB01 Datasheet
111Kb / 6P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
January 2003 - Ed: 5
EMIF03-SIM01 STMICROELECTRONICS-EMIF03-SIM01 Datasheet
164Kb / 11P
   003 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2 Datasheet
275Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ Datasheet
32Kb / 4P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF01-10018W5 STMICROELECTRONICS-EMIF01-10018W5 Datasheet
150Kb / 10P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF09-02726SX STMICROELECTRONICS-EMIF09-02726SX Datasheet
156Kb / 12P
   EMI FILTER INCLUDING ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com