Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-E842RD-A Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BD-E842RD-A
Description  DUAL DIGIT LED DISPLAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BD-E842RD-A Datasheet(HTML) 1 Page - Yellow Stone Corp

  BD-E842RD-A Datasheet HTML 1Page - Yellow Stone Corp BD-E842RD-A Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BD-A811RD
BD-C811RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.2
BD-A815RD
BD-C815RD
BD-A815RE
BD-C815RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BD-A812RD
BD-C812RD
GaP/ Green
568
30
80
30
150
2.2
2.5
4.0
BD-A813RD
BD-C813RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
3.0
GaAsP/GaP/ Hi-Eff.Red
BD-A814RD
BD-C814RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
4.0
BD-A816RD
BD-C816RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.0
BD-A81FRD
BD-C81FRD
GaAlAs/ DDH Super Red
660
20
80
30
150
2.0
2.5
12.0
DD-25
BD-E811RD
BD-F811RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.2
BD-E815RD
BD-F815RD
BD-E815RE
BD-F815RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BD-E812RD
BD-F812RD
GaP/ Green
568
30
80
30
150
2.2
2.5
4.0
BD-E813RD
BD-F813RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
3.0
GaAsP/GaP/ Hi-Eff.Red
BD-E814RD
BD-F814RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
4.0
BD-E816RD
BD-F816RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.0
BD-E81FRD
BD-F81FRD
GaAlAs/ DDH Super Red
660
20
80
30
150
2.0
2.5
12.0
DD-26
BD-E811RD-A
BD-F811RD-A
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.2
BD-E815RD-A
BD-F815RD-A
BD-E815RE-A
BD-F815RE-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BD-E812RD-A
BD-F812RD-A
GaP/ Green
568
30
80
30
150
2.2
2.5
4.0
BD-E813RD-A
BD-F813RD-A
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
3.0
GaAsP/GaP/ Hi-Eff.Red
BD-E814RD-A
BD-F814RD-A
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
4.0
BD-E816RD-A
BD-F816RD-A
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.0
BD-E81FRD-A
BD-F81FRD-A
GaAlAs/ DDH Super Red
660
20
80
30
150
1.7
2.5
12.0
DD-27
BD-A831RD
BD-C831RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.2
BD-A835RD
BD-C835RD
BD-A835RE
BD-C835RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BD-A832RD
BD-C832RD
GaP/ Green
568
30
80
30
150
2.2
2.5
4.0
BD-A833RD
BD-C833RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
3.0
GaAsP/GaP/ Hi-Eff.Red
BD-A834RD
BD-C834RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
4.0
BD-A836RD
BD-C836RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.0
BD-A83FRD
BD-C83FRD
GaAlAs/ DDH Super Red
660
20
80
30
150
2.0
2.5
12.0
DD-28
BD-E831RD
BD-F831RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.2
BD-E835RD
BD-F835RD
BD-E835RE
BD-F835RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BD-E832RD
BD-F832RD
GaP/ Green
568
30
80
30
150
2.2
2.5
4.0
BD-E833RD
BD-F833RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
3.0
GaAsP/GaP/ Hi-Eff.Red
BD-E834RD
BD-F834RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
4.0
BD-E836RD
BD-F836RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.0
BD-E83FRD
BD-F83FRD
GaAlAs/ DDH Super Red
660
20
80
30
150
2.0
2.5
12.0
DD-29
BD-E841RD-A
BD-F841RD-A
GaAsP/Red
655
40
80
40
200
1.7
2.0
1.2
BD-E845RD-A
BD-F845RD-A
BD-E845RE-A
BD-F845RE-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.6
BD-E842RD-A
BD-F842RD-A
GaP/ Green
568
30
80
30
150
2.2
2.5
4.0
BD-E843RD-A
BD-F843RD-A
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
3.0
GaAsP/GaP/ Hi-Eff.Red
BD-E844RD-A
BD-F844RD-A
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
4.0
BD-E846RD-A
BD-F846RD-A
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
7.0
0.80"
Dual-Digit
BD-E84FRD-A
BD-F84FRD-A
GaAlAs/ DDH Super Red
660
20
80
30
150
2.0
2.5
12.0
DD-30
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BD-E842RD-A

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BD-E815RD BRIGHT-BD-E815RD Datasheet
178Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
More results

Similar Description - BD-E842RD-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WCN2-0040SR-A11 ETC2-WCN2-0040SR-A11 Datasheet
83Kb / 4P
   Dual Digit LED Display
logo
LIGITEK electronics co....
LBD241SBKS-XX-PF LIGITEK-LBD241SBKS-XX-PF Datasheet
121Kb / 8P
   DUAL DIGIT LED DISPLAY
LDD515-65-XX-RP18 LIGITEK-LDD515-65-XX-RP18 Datasheet
98Kb / 8P
   DUAL DIGIT LED DISPLAY (0.5Inch)
LDD515-65-XX-RP145 LIGITEK-LDD515-65-XX-RP145 Datasheet
124Kb / 8P
   DUAL DIGIT LED DISPLAY (0.5Inch)
LDD515-63H-XX LIGITEK-LDD515-63H-XX Datasheet
163Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5Inch)
LDD215-62-XX-S2-PF LIGITEK-LDD215-62-XX-S2-PF Datasheet
131Kb / 9P
   DUAL DIGIT LED DISPLAY (0.25Inch)
LDD215-62-XX-S1 LIGITEK-LDD215-62-XX-S1 Datasheet
126Kb / 8P
   DUAL DIGIT LED DISPLAY (0.25Inch)
LDD215-62-XX-F1 LIGITEK-LDD215-62-XX-F1 Datasheet
91Kb / 8P
   DUAL DIGIT LED DISPLAY (0.25Inch)
LDD215-62-XX-S1-PF LIGITEK-LDD215-62-XX-S1-PF Datasheet
131Kb / 9P
   DUAL DIGIT LED DISPLAY (0.25Inch)
logo
Lucky Light Electronic
KW2-401 LUCKY-LIGHT-KW2-401 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com