Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV5128-12K Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC61LV5128-12K
Description  512K x 8 HIGH-SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV5128-12K Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

  IC61LV5128-12K Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV5128-12K Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV5128-12K Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV5128-12K Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV5128-12K Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV5128-12K Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV5128-12K Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV5128-12K Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV5128-12K Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IC61LV5128
Integrated Circuit Solution, Inc.
9
AHSR021-0A
09/11/2001
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed(ns)
OrderPartNo.
Package
8
IC61LV5128-8T
400milT SOP-2
IC61LV5128-8K
400milSOJ
10
IC61LV5128-10T
400milT SOP-2
IC61LV5128-10K
400milSOJ
12
IC61LV5128-12T
400milT SOP-2
IC61LV5128-12K
400milSOJ
15
IC61LV5128-15T
400milT SOP-2
IC61LV5128-15K
400milSOJ
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Speed(ns)
OrderPartNo.
Package
8
IC61LV5128-8TI
400milT SOP-2
IC61LV5128-8KI
400milSOJ
10
IC61LV5128-10TI
400milT SOP-2
IC61LV5128-10KI
400milSOJ
12
IC61LV5128-12TI
400milT SOP-2
IC61LV5128-12KI
400milSOJ
15
IC61LV5128-15TI
400milT SOP-2
IC61LV5128-15KI
400milSOJ
Integrated Circuit Solution, Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5TH ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw


Similar Part No. - IC61LV5128-12K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC61LV12816-10B ICSI-IC61LV12816-10B Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC61LV12816-10BI ICSI-IC61LV12816-10BI Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC61LV12816-10K ICSI-IC61LV12816-10K Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC61LV12816-10KI ICSI-IC61LV12816-10KI Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
More results

Similar Description - IC61LV5128-12K

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com