Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC792A1AC2-12CD Datasheet(PDF) 1 Page - Picker Components

Part # PC792A1AC2-12CD
Description  Automotive Plug-In / PCB Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC792A1AC2-12CD Datasheet(HTML) 1 Page - Picker Components

  PC792A1AC2-12CD Datasheet HTML 1Page - Picker Components PC792A1AC2-12CD Datasheet HTML 2Page - Picker Components PC792A1AC2-12CD Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Automotive Plug-In / PCB Power Relay
FEATURES
Most popular automotive relay
1 A and 1 C contact forms available
40 Amps continuous carrying capacity
Contact switching capacity up to 120 Amps
Up to 125 degrees C operating temperature
Internal diodes or resistors available
PC792A
Max. Switching Voltage
75 VDC
1 Form A or 1 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
7 ms. typical
Release Time
Insulation Resistance
5 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
500 Vrms, 1 min. between coil and contacts
Shock Resistance
20 g, 11ms, functional; 200 g, destructive
Vibration Resistance
Power Consumption
1.6 W approx.
Ambient Temperature Range
-40 to 85 degrees C operating, -40 to 125 degrees C for Class F
Weight
31 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC792A Rev C 3-7-06
PAGE 1
ORDERING INFORMATION
Example:
PC792A
Model
-12
Sockets available from Picker Components
Parallel Component
-1C
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnInO (Silver Tin Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 10
7
2 X 10
5
Operations
Operations
Normally Open
Nil: None; D: Diode; R: Resistor; N: Nickle Plated Terminals
Coil Voltage
-C1
Contact Form
Max Switching Current
Break 40 Amps
Make 120 Amps
60 Amps (at 20 degrees C)
Max. Continuous Current
Minimum Load
0.1 A @ 12 VDC
-RN
Drop Resistance
1 Meter height drop on concrete in final enclosure
Normally Closed
Break 30 Amps
Make 45 Amps
40 Amps (at 20 degrees C)
Case Style
C: Plug-In; P: PCB; C1: Plastic Bracket; C2: Metal Bkt
DA 1.27 mm, 10 - 40 Hz; 40-70 Hz: 5 g; DA 0.5mm, 70-100 Hz; 100-500 Hz: 10 g.
S
Enclosure
C: Dust Cover, S: Sealed Case
Contact Form
1A, 1C or 1U (1 form A with 2 #87 Terminals)
40 Amps (at 85 degrees C)
30 Amps (at 85 degrees C)


Similar Part No. - PC792A1AC2-12CD

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792A PICKER-PC792A_14 Datasheet
217Kb / 2P
   40/30 Amp Automotive Plug-In / PCB Power Relay
PC792A PICKER-PC792A_15 Datasheet
258Kb / 2P
   40/30 Amp Automotive Plug-In / PCB Power Relay
PC792A PICKER-PC792A_17 Datasheet
821Kb / 3P
   40/30 Amp Automotive Plug-In / PCB Mini ISO Relay
More results

Similar Description - PC792A1AC2-12CD

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4185A DBLECTRO-HG4185A Datasheet
179Kb / 4P
   Automotive Plug-In / PCB Power Relay
logo
Picker Components
PC782 PICKER-PC782 Datasheet
171Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
PC782 PICKER-PC782_14 Datasheet
362Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
logo
List of Unclassifed Man...
HG4182 ETC1-HG4182 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
logo
Willow Technologies Ltd
DG82 WILLOW-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
DG84 WILLOW-DG84 Datasheet
258Kb / 3P
   micro plug-in/pcb automotive relay
logo
American Electronic Com...
DG84 AEC-DG84 Datasheet
269Kb / 3P
   micro plug-in/pcb automotive relay
logo
Picker Components
PC7150 PICKER-PC7150 Datasheet
281Kb / 2P
   150/100 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H Datasheet
239Kb / 3P
   60/40 Amp Automotive Plug-In / PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com