Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160BXA220M18X25 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 160BXA220M18X25
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

160BXA220M18X25 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  160BXA220M18X25 Datasheet HTML 1Page - RUBYCON CORPORATION 160BXA220M18X25 Datasheet HTML 2Page - RUBYCON CORPORATION 160BXA220M18X25 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
10
5.0
12.5
16
18
7.5
0.6
0.8
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 100kHz)
160V
(2C)
Size
Ripple
200V
(2D)
Size
Ripple
250V
(2E)
Size
Ripple
10
10×16
250
22
10×20
500
33
10×20
500
47
12.5×20
660
68
12.5×25
16×20
760
100
1120
150
1360
220
1400
16×25
18×20
16×31.5
18×25
16×31.5
18×25
10×16
250
10×20
500
12.5×20
600
12.5×20
660
12.5×25
16×20
760
1120
1360
1700
16×25
18×20
16×31.5
18×25
18×31.5
10×20
280
12.5×20
600
12.5×20
600
12.5×25
16×20
720
920
1200
1500
16×25
18×20
16×31.5
18×25
18×31.5
350V
(2V)
Size
Ripple
400V
(2G)
Size
Ripple
450V
(2W)
Size
Ripple
10
6.8
10×16
220
22
10×20
280
33
12.5×20
350
47
16×20
500
68
660
850
16×25
18×20
16×31.5
18×25
10×16
220
10×20
12.5×20
280
430
640
12.5×25
16×20
840
1000
16×25
18×20
16×31.5
18×25
18×31.5
10×20
150
320
560
700
880
16×25
18×20
16×31.5
18×25
18×31.5
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
BXA
WV(V.DC)
Cap(μF)
WV(V.DC)
Cap(μF)
L+2MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE


Similar Part No. - 160BXA220M18X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
160BXC100M12.5X25 RUBYCON-160BXC100M12.5X25 Datasheet
49Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160BXC100M16X20 RUBYCON-160BXC100M16X20 Datasheet
49Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160BXC10M10X16 RUBYCON-160BXC10M10X16 Datasheet
49Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160BXC150M16X25 RUBYCON-160BXC150M16X25 Datasheet
49Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160BXC220M18X25 RUBYCON-160BXC220M18X25 Datasheet
49Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 160BXA220M18X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com