Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7951UC3-12SR Datasheet(PDF) 1 Page - Picker Components

Part # PC7951UC3-12SR
Description  80/60 Amp Automotive Plug-In / PCB Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC7951UC3-12SR Datasheet(HTML) 1 Page - Picker Components

  PC7951UC3-12SR Datasheet HTML 1Page - Picker Components PC7951UC3-12SR Datasheet HTML 2Page - Picker Components PC7951UC3-12SR Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
80/60 Amp Automotive Plug-In / PCB Power Relay
FEATURES
Most popular automotive relay
1 A and 1 C contact forms available
80 Amps continuous carrying capacity
Contact switching capacity up to 240 Amps
Up to 125 degrees C operating temperature
Five different case styles available
PC795
Max. Switching Voltage
Current Dependent; see curve page 2
1 Form A or 1 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
7 ms. typical
Release Time
Insulation Resistance
2 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
500 Vrms, 1 min. between coil and contacts
Shock Resistance
20 g, 11ms, functional; 200 g, destructive
Vibration Resistance
Power Consumption
1.6 W approx.
Ambient Temperature Range
-40 to 125 degrees C operating, -40 to 155 storage
Weight
35 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC795 Rev C 4-13-04
PAGE 1
Sockets available from Picker Components
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
2 X 10 5
Operations
Operations
Normally Open
Contact Form
Max Switching Current
Break 80 Amps
Make 240 Amps
80 Amps
Max. Continuous Current
Minimum Load
0.5 A @ 12 VDC
Drop Resistance
1 Meter height drop on concrete in final enclosure
Normally Closed
Break 60 Amps
Make 180 Amps
60 Amps
DA 1.27 mm, 10 - 40 Hz; 40-70 Hz: 5 g; DA 0.5mm, 70-100 Hz; 100-500 Hz: 10 g.
ORDERING INFORMATION
Example:
PC795
Model
-12
Parallel Component
-1C
Nil: None; D: Diode; R: Resistor; N: Nickel Plated Terminals
Coil Voltage
-C1
-RN
Case Style
C: Plug-In; P: PCB; C1: Plastic Bracket; C3: Shrouded W/Metal Bkt
S
Enclosure
C: Dust Cover, S: Sealed Case
Contact Form
1A, 1C or 1U (1 form A with 2 #87 Terminals)


Similar Part No. - PC7951UC3-12SR

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC795 PICKER-PC795_14 Datasheet
400Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Power Relay
PC795 PICKER-PC795_16 Datasheet
629Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_17 Datasheet
649Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results

Similar Description - PC7951UC3-12SR

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC795 PICKER-PC795_14 Datasheet
400Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Power Relay
PC796 PICKER-PC796 Datasheet
647Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_17 Datasheet
649Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_16 Datasheet
629Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796_17 Datasheet
631Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792H PICKER-PC792H Datasheet
239Kb / 3P
   60/40 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_14 Datasheet
137Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Power Relay
PC786 PICKER-PC786 Datasheet
198Kb / 2P
   60 Amp Automotive Plug-In Power Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com