Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160LSW4700M51X98 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 160LSW4700M51X98
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

160LSW4700M51X98 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  160LSW4700M51X98 Datasheet HTML 1Page - RUBYCON CORPORATION 160LSW4700M51X98 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RoHS compliance.
◆SPECIFICATIONS
−25∼+105℃
160∼400V.DC
−40∼+105℃
10∼100V.DC
±20%(20℃,120Hz)
(20℃,
120Hz)
◆DIMENSIONS
WV
φD
10
16
25
35
50
36
0.75
0.6
0.4
0.3
0.25
51
1.0
0.7
0.5
0.5
0.3
64
1.3
0.8
0.7
0.6
0.5
77
1.5
1.0
0.8
0.7
0.6
90
1.5
1.0
0.8
0.7
0.6
WV
φD
63
80
100
160∼250
315∼400
36
0.2
0.2
0.15
0.15
0.2
51
0.25
0.2
0.2
0.15
0.2
64
0.3
0.25
0.25
0.2
0.25
77
0.4
0.3
0.25
0.2
0.25
90
0.4
0.3
0.25
0.2
0.25
SERIES
LSW
105℃ Standard, Screw Terminal Type
◆FEATURES
Load Life : 105℃ 3000 hours.
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Shelf Life
Endurance
Items
Characteristics
I
=0.02CV or 5mA whichever is smaller.      (After 5 minutes application of rated voltage)
I
Leakage Current(μA)     V=Rated Voltage(V)     C=Rated Capacitance(μF)
◆PART NUMBER
□□□
Rated Voltage
LSW
Series
□□□□□
Rated Capacitance
Capacitance Tolerance
□□□
Option
D×L
Case Size
φD
36
51
64
77
90
24.0
32.5
38.0
43.5
50.8
30.0
37.5
43.0
49.0
56.0
3.5
4.5
4.5
4.5
4.5
7
6
8
7
8
10
12
14
14
16
W1
W2
W3
W4
W5
12.7
21.8
28.2
31.4
31.4
P
◆MULTIPLIER FOR RIPPLE CURRENT
周波数(Hz)Frequency
係 数
Coefficient
60
(50) 120
400
1k
10k≦
0.80
1.00
1.03
1.05
1.08
0.80
10∼50WV
63∼100WV
160∼400WV
1.00
1.05
1.07
1.10
0.80
1.00
1.10
1.13
1.18
 Frequency coefficient
(mm)
φ36
φ51∼φ90
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSW
Leakage Current
Dissipation Factor
Capacitance Change
Within ±15% of the initial value.
Not more than 175% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 3000hrs at 105℃, the capacitors shall meet the following requirements.
Leakage Current
Dissipation Factor
Capacitance Change
Within ±15% of the initial value.
Not more than 150% of the specified value.
Not more than the specified value.
After storage for 500 hours with no voltage applied at 105℃, the capacitors shall be subjected to the voltage treatment in
JIS C 5102 and shall be meet the following requirements.
L±3
Plate
Clamp
Sleeve
Case
Screw
Terminal Bolt
W5
M5 P=0.8Bolt
P–1
W3
Mounting
Vent
L±3
Plate
Clamp
Sleeve
Case Screw
Terminal Bolt
M5 P=0.8Bolt
P–1
W4
W3
Mounting
Vent
W5


Similar Part No. - 160LSW4700M51X98

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
160LSQ10000M64X99 RUBYCON-160LSQ10000M64X99 Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
160LSQ12000M64X119 RUBYCON-160LSQ12000M64X119 Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
160LSQ1200M36X50 RUBYCON-160LSQ1200M36X50 Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
160LSQ15000M77X101 RUBYCON-160LSQ15000M77X101 Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
160LSQ1500M36X63 RUBYCON-160LSQ1500M36X63 Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 160LSW4700M51X98

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com