Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC4661A-12C Datasheet(PDF) 1 Page - Picker Components

Part # PC4661A-12C
Description  Ultra Slim Minature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC4661A-12C Datasheet(HTML) 1 Page - Picker Components

  PC4661A-12C Datasheet HTML 1Page - Picker Components PC4661A-12C Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Slim Minature PCB Power Relay
FEATURES
5 Amp continous contact capacity
Class "B" insulation standard
6 KV surge voltage
PC466
Load Type
5 amps at 250 VAC, 30 VDC
Resistive Load ( Power Factor = 1 )
UL/CUR RATINGS
CHARACTERISTICS
Operate Time
10 ms. Max.
Release Time
Insulation Resistance
5 ms. Max.
1000 megohms min, at 500VDC, 50%RH
Dielectric Strength
3000 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.6 mm, 10 - 55 Hz
Power Consumption
.2 W
Ambient Temperature Range
-25 to 70 C operating for class B, -25 to 130 C storage
Weight
3 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC466 Rev B 4-6-04
PAGE 1
ORDERING INFORMATION
Example:
PC466
Model
-1A
Sealed, immersion cleanable
Contact Form
1A
-12
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
100 milliohms max @ 0.1A, 6VDC
2 X 107
1 X 105
Operations
Operations
Enclosure
S: Sealed; C: Flux Free
Coil Voltage
S
150 W / 1250 VA
750 Vrms, 1 min. between open contacts
File # E86876
Rated Load
250 VAC / 30 VDC
Ultra Slim Minature design
Sensitive .2 w coil
4 Kv dielectric between coil and contacts
Max Switching Power
Max Switching Voltage


Similar Part No. - PC4661A-12C

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
More results

Similar Description - PC4661A-12C

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
Tyco Electronics
REL MACOM-REL Datasheet
148Kb / 2P
   Minature PCB Relay
logo
Picker Components
PC375 PICKER-PC375 Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
   Low Profile Minature PCB Power Relay
PC384 PICKER-PC384 Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
   20 Amp Minature PCB Power Relay
PC375 PICKER-PC375_15 Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
PC454 PICKER-PC454 Datasheet
186Kb / 2P
   25 Amp Minature PCB Power Relay
PC354 PICKER-PC354 Datasheet
169Kb / 2P
   25 Amp Minature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com