Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66257 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M66257
Description  5120 x 8-BIT x 2 LINE MEMORY (FIFO)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66257 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M66257 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
MITSUBISHI
〈DIGITAL ASSP〉
M66257FP
5120
× 8-BIT × 2 LINE MEMORY (FIFO)
ABSOLUTE MAXIMUM RATINGS (Ta = 0 ~ 70°C, unless otherwise noted)
Symbol
VCC
VI
VO
Pd
Tstg
Parameter
Supply voltage
Input voltage
Output voltage
Maximum power dissipation
Storage temperature
Unit
V
V
V
mW
°C
Ratings
–0.5 ~ +7.0
–0.5 ~ VCC + 0.5
–0.5 ~ VCC + 0.5
660
–65 ~ 150
Conditions
A value based on GND pin
Ta = 25°C
RECOMMENDED OPERATING CONDITIONS
Max.
5.5
70
Typ.
5
0
Min.
4.5
0
Unit
V
V
°C
Parameter
Supply voltage
Supply voltage
Operating ambient temperature
Symbol
VCC
GND
Topr
Limits
ELECTRICAL CHARACTERISTICS (Ta = 0 ~ 70°C, VCC = 5V ± 10%, GND = 0V, unless otherwise noted)
Parameter
“H” input voltage
“L” input voltage
“H” output voltage
“L” output voltage
“H” input current
“L” input current
Off state “H” output current
Off state “L” output current
Operating mean current dissipa-
tion
Input capacitance
Off state output capacitance
Symbol
VIH
VIL
VOH
VOL
IIH
IIL
IOZH
IOZL
ICC
CI
CO
Max.
0.8
0.55
1.0
–1.0
5.0
–5.0
120
10
15
Typ.
Min.
2.0
VCC–0.8
Unit
V
V
V
V
mA
mA
mA
mA
mA
pF
pF
Limits
Test conditions
IOH = –4mA
IOL = 4mA
VI = VCC
VI = GND
VO = VCC
VO = GND
VI = VCC, GND, Output open
tWCK, tRCK = 25ns
f = 1MHz
f = 1MHz
WE, WRES, WCK, RE,
RRES, RCK,
D0 ~ D7
WE, WRES, WCK, RE,
RRES, RCK,
D0 ~ D7


Similar Part No. - M66257

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
   5120 횞 8-Bit 횞 2 Line Memory (FIFO)
More results

Similar Description - M66257

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
   5120 x 8-BIT LINE MEMORY (FIFO)
M66250P MITSUBISHI-M66250P Datasheet
649Kb / 21P
   5120 X 8-BIT LINE MEMORY(FIFO/LIFO)
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
   5120 x 8-BIT x 2 LINE MEMORY
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
   5120 x 8-BIT LINE MEMORY
logo
Renesas Technology Corp
M66256FP RENESAS-M66256FP Datasheet
170Kb / 14P
   5120 횞 8-Bit Line Memory (FIFO)
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
   5120 횞 8-Bit 횞 2 Line Memory (FIFO)
M66250P RENESAS-M66250P Datasheet
4Mb / 22P
   5120*8-BIT LINE MEMORY(FIFO/LIFO)
logo
Nippon Precision Circui...
SM5838AS NPC-SM5838AS Datasheet
160Kb / 14P
   5120 X 8-bit Synchronous FIFO
logo
Mitsubishi Electric Sem...
M66252P MITSUBISHI-M66252P Datasheet
145Kb / 11P
   1152 x 8-BIT LINE MEMORY FIFO
logo
Renesas Technology Corp
M66280FP RENESAS-M66280FP Datasheet
159Kb / 14P
   5120 횞 8-Bit Line Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com