Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66257 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M66257
Description  5120 x 8-BIT x 2 LINE MEMORY (FIFO)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66257 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M66257 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66257 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
MITSUBISHI
〈DIGITAL ASSP〉
M66257FP
5120
× 8-BIT × 2 LINE MEMORY (FIFO)
FUNCTION
When write enable input WE is “L”, the contents of data inputs
D0 to D7 are written into 1-line delay data only memory in syn-
chronization with rise edge of write clock input WCK. At this
time, the write address counter of 1-line delay data only
memory is also incremented simultaneously.
The write functions given below are also performed in syn-
chronization with rise edge of WCK.
When WE is “H”, a write operation to 1-line delay data only
memory is inhibited and the write address counter of 1-line
delay data only memory is stopped.
When write reset input WRES is “L”, the write address counter
of 1-line delay data only memory is initialized.
When read enable input RE is “L”, the contents of 1-line delay
data only memory are output to data outputs Q00 to Q07 and
those of 2-line delay data only memory to data outputs Q10 to
Q17 in synchronization with the rise of read clock input RCK.
At this time, the read address counters of 1-line and 2-line
delay data only memories is also incremented simulta-
neously.
Moreover, data of Q00 to Q07 are written into 2-line delay data
only memory in synchronization with rise edge of RCK. At
this time, the write address of 2-line delay data only memory
is incremented.
The read functions given below are also performed in syn-
chronization with rise edge of RCK.
When RE is “H”, a read operation from both of 1-line delay
data only memory and 2-line delay data only memory is inhib-
ited and the read address counter of each memory is
stopped. The outputs of Q00 to Q07 and Q10 to Q17 are in the
high impedance state.
Moreover, a write operation to 2-line delay data only memory
is inhibited and the write address counter of 2-line delay data
only memory is stopped.
When read reset input RRES is “L”, the read address counter
of 1-line delay data only memory, and the write address
counter and read address counter of 2-line delay data only
memory are initialized.


Similar Part No. - M66257

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
   5120 횞 8-Bit 횞 2 Line Memory (FIFO)
More results

Similar Description - M66257

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
   5120 x 8-BIT LINE MEMORY (FIFO)
M66250P MITSUBISHI-M66250P Datasheet
649Kb / 21P
   5120 X 8-BIT LINE MEMORY(FIFO/LIFO)
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
   5120 x 8-BIT x 2 LINE MEMORY
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
   5120 x 8-BIT LINE MEMORY
logo
Renesas Technology Corp
M66256FP RENESAS-M66256FP Datasheet
170Kb / 14P
   5120 횞 8-Bit Line Memory (FIFO)
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
   5120 횞 8-Bit 횞 2 Line Memory (FIFO)
M66250P RENESAS-M66250P Datasheet
4Mb / 22P
   5120*8-BIT LINE MEMORY(FIFO/LIFO)
logo
Nippon Precision Circui...
SM5838AS NPC-SM5838AS Datasheet
160Kb / 14P
   5120 X 8-bit Synchronous FIFO
logo
Mitsubishi Electric Sem...
M66252P MITSUBISHI-M66252P Datasheet
145Kb / 11P
   1152 x 8-BIT LINE MEMORY FIFO
logo
Renesas Technology Corp
M66280FP RENESAS-M66280FP Datasheet
159Kb / 14P
   5120 횞 8-Bit Line Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com