Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTP-51XXCR-XX-XX Datasheet(PDF) 1 Page - DB Lectro Inc

Part # BTP-51XXCR-XX-XX
Description  BriLux 1W Light Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BTP-51XXCR-XX-XX Datasheet(HTML) 1 Page - DB Lectro Inc

  BTP-51XXCR-XX-XX Datasheet HTML 1Page - DB Lectro Inc BTP-51XXCR-XX-XX Datasheet HTML 2Page - DB Lectro Inc BTP-51XXCR-XX-XX Datasheet HTML 3Page - DB Lectro Inc BTP-51XXCR-XX-XX Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BriLux 1W Light Source
BTP-51XXCR-XX-XX
Package Dimension
Features
Highest Lumen Per Watt
Long Operational Life
More Energy Efficient
IC Compatible
Low DC Voltage
Superior ESD Protection
Smallest Footprint
Applications
Accent Lighting
Automotive Exterior/Interior Light
High Power Back Light
Reading Light
Marine/Miner’s Lighting
Portable Lighting
Optical Characteristics at Tj=25ºC
LED CHIP
Wavelength/CCT
Range (nm/K)
Drive
Voltage
Luminous
Flux
@350mA(lm)
PART NUMBER
MATERIAL
Lens
Color
Min/Max
Typ.
Typ.
VIEW
ANGLE
1/2
(deg)
BTP-51NRCR-XX-15
AlInGaP
Water Clear
620~635
2.85V
15 lm
15
BTP-51AMCR-XX-15
AlInGaP
Water Clear
600~620
2.85V
15 lm
15
BTP-51YECR-XX-15
AlInGaP
Water Clear
585~595
2.85V
15 lm
15
BTP-51DBCR-XX-05
AlInGaN
Water Clear
450~460
3.50V
5 lm
15
BTP-51BLCR-XX-06
AlInGaN
Water Clear
460~475
3.50V
6 lm
15
BTP-51GBCR-XX-08
AlInGaN
Water Clear
475~485
3.50V
8 lm
15
BTP-51BGCR-XX-15
AlInGaN
Water Clear
495~510
3.50V
15 lm
15
BTP-51GMCR-XX-20
AlInGaN
Water Clear
510~520
3.50V
20 lm
15
BTP-51PGCR-XX-25
AlInGaN
Water Clear
520~525
3.50V
25 lm
15
BTP-51WHCR-XX-20
AlInGaN
Water Clear
5000K~8000K
3.60V
20 lm
15
7.00mm
5.60mm
1.50mm
2.4mm
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - BTP-51XXCR-XX-XX

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTP-53AMCH-XX-15 DBLECTRO-BTP-53AMCH-XX-15 Datasheet
160Kb / 4P
   BriLux 1W Light Source
BTP-53AMCR-XX-15 DBLECTRO-BTP-53AMCR-XX-15 Datasheet
212Kb / 4P
   BriLux 1W Light Source
BTP-53BGCH-XX-15 DBLECTRO-BTP-53BGCH-XX-15 Datasheet
160Kb / 4P
   BriLux 1W Light Source
BTP-53BGCR-XX-15 DBLECTRO-BTP-53BGCR-XX-15 Datasheet
212Kb / 4P
   BriLux 1W Light Source
BTP-53BLCH-XX-06 DBLECTRO-BTP-53BLCH-XX-06 Datasheet
160Kb / 4P
   BriLux 1W Light Source
More results

Similar Description - BTP-51XXCR-XX-XX

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTP-53XXCH-XX-XX DBLECTRO-BTP-53XXCH-XX-XX Datasheet
160Kb / 4P
   BriLux 1W Light Source
BTP-187XXCQ-XX-XX DBLECTRO-BTP-187XXCQ-XX-XX Datasheet
237Kb / 4P
   BriLux 1W Light Source
BTP-53XXCR-XX-XX DBLECTRO-BTP-53XXCR-XX-XX Datasheet
212Kb / 4P
   BriLux 1W Light Source
BTP-183XXCQ-XX-XX DBLECTRO-BTP-183XXCQ-XX-XX Datasheet
187Kb / 4P
   BriLux 1W Light Source
BTP-188XXCQ-XX-XX DBLECTRO-BTP-188XXCQ-XX-XX Datasheet
242Kb / 4P
   BriLux 1W Light Source
BTP-87XXCG-XX-XX DBLECTRO-BTP-87XXCG-XX-XX Datasheet
394Kb / 6P
   BriLux 1W Emitter
BTP-89XXCG-XX-X DBLECTRO-BTP-89XXCG-XX-X Datasheet
427Kb / 6P
   BriLux 1W Emitter
BTP-89XXCT-XX-X DBLECTRO-BTP-89XXCT-XX-X Datasheet
407Kb / 6P
   BriLux 1W Star
BTP-87XXCT-XX-X DBLECTRO-BTP-87XXCT-XX-X Datasheet
403Kb / 6P
   BriLux 1W Star Emitter
logo
Broadcom Corporation.
ASMT-AX00 BOARDCOM-ASMT-AX00 Datasheet
1Mb / 20P
   1W Power LED Light Source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com