Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTP-188WHCQ-XX-30 Datasheet(PDF) 4 Page - DB Lectro Inc

Part # BTP-188WHCQ-XX-30
Description  BriLux 1W Light Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BTP-188WHCQ-XX-30 Datasheet(HTML) 4 Page - DB Lectro Inc

  BTP-188WHCQ-XX-30 Datasheet HTML 1Page - DB Lectro Inc BTP-188WHCQ-XX-30 Datasheet HTML 2Page - DB Lectro Inc BTP-188WHCQ-XX-30 Datasheet HTML 3Page - DB Lectro Inc BTP-188WHCQ-XX-30 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BriLux 1W Light Source
BTP-188XXCQ-XX-XX
Recommended Soldering Pattern
Important Notes:
The information contained herein is presented only as a Guide for the application of our
products. Brilliance Technologies assumes no responsibility for any infringement of intellectual
property or other rights of the third parties which may result from its use.
Brilliance Technologies continually improves the quality of our products. Nevertheless,
semiconductor devices in general can malfunction or fail due to their inherent electrical
sensitivity and vulnerability to physical stress. It is the responsible of the customer, when
using Brilliance Technologies products, to comply with the standard of safety in making a safe
design for the entire system, and to avoid situations in which a malfunction or failure of such
Brilliance Technologies products cause loss of human life, bodily injury or damage to property.
Brilliance Technologies products listed in this data sheet are intended for usage in general
electronics and/or non-commercial or industrial lighting products. These products are neither
intended nor warranted for usage in equipment that requires extraordinarily high quality and/or
reliability or a malfunction or failure of which may cause loss of human life or bodily injury.
In developing your design, please ensure that Brilliance Technologies products are used within
specified operating ranges as set forth in the most recent Brilliance Technologies data sheets.
BT-Rev. 1.0B20040917
Specifications are subject to change for improvement without notice.
Copyright © 2003 Brilliance Technologies Co., Ltd. All rights reserved.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - BTP-188WHCQ-XX-30

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTP-183BLCQ-XX-08 DBLECTRO-BTP-183BLCQ-XX-08 Datasheet
187Kb / 4P
   BriLux 1W Light Source
BTP-183GBCQ-XX-08 DBLECTRO-BTP-183GBCQ-XX-08 Datasheet
187Kb / 4P
   BriLux 1W Light Source
BTP-183WHCQ-XX-20 DBLECTRO-BTP-183WHCQ-XX-20 Datasheet
187Kb / 4P
   BriLux 1W Light Source
BTP-183XXCQ-XX-XX DBLECTRO-BTP-183XXCQ-XX-XX Datasheet
187Kb / 4P
   BriLux 1W Light Source
BTP-187BLCQ-XX-08 DBLECTRO-BTP-187BLCQ-XX-08 Datasheet
237Kb / 4P
   BriLux 1W Light Source
More results

Similar Description - BTP-188WHCQ-XX-30

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTP-51XXCR-XX-XX DBLECTRO-BTP-51XXCR-XX-XX Datasheet
212Kb / 4P
   BriLux 1W Light Source
BTP-53XXCH-XX-XX DBLECTRO-BTP-53XXCH-XX-XX Datasheet
160Kb / 4P
   BriLux 1W Light Source
BTP-187XXCQ-XX-XX DBLECTRO-BTP-187XXCQ-XX-XX Datasheet
237Kb / 4P
   BriLux 1W Light Source
BTP-53XXCR-XX-XX DBLECTRO-BTP-53XXCR-XX-XX Datasheet
212Kb / 4P
   BriLux 1W Light Source
BTP-183XXCQ-XX-XX DBLECTRO-BTP-183XXCQ-XX-XX Datasheet
187Kb / 4P
   BriLux 1W Light Source
BTP-87XXCG-XX-XX DBLECTRO-BTP-87XXCG-XX-XX Datasheet
394Kb / 6P
   BriLux 1W Emitter
BTP-89XXCG-XX-X DBLECTRO-BTP-89XXCG-XX-X Datasheet
427Kb / 6P
   BriLux 1W Emitter
BTP-89XXCT-XX-X DBLECTRO-BTP-89XXCT-XX-X Datasheet
407Kb / 6P
   BriLux 1W Star
BTP-87XXCT-XX-X DBLECTRO-BTP-87XXCT-XX-X Datasheet
403Kb / 6P
   BriLux 1W Star Emitter
logo
Broadcom Corporation.
ASMT-AX00 BOARDCOM-ASMT-AX00 Datasheet
1Mb / 20P
   1W Power LED Light Source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com