Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B16211K Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B16211K
Description  3.3V, Hot Insertion, 24-Bit BusSwitch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16211K Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B16211K Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16211K Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16211K Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16211K Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B16211K Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI3B16211
3.3V, Hot Insertion,
24-Bit Bus Switch
3
PS8176D
09/29/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PowerSupplyCharacteristics
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency.
The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
RL = 500-ohms, R = 500-ohms(4)
Switching Characteristics over Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
4. Applies to tPZX, tPXZ.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
Mp
y
T
)
2
(
.
x
a
Ms
t
i
n
U
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
QV C
C
.
x
a
M
=V N
I
D
N
G
=
V
r
o
C
C
0
1
A
µ
∆I C
C
h
g
i
H
L
T
T
@
t
u
p
n
I
r
e
p
t
n
e
r
r
u
C
y
l
p
p
u
SV C
C
.
x
a
M
=V N
I
V
0
.
3
=
)
3
(
0
5
7
I D
C
C
z
H
M
r
e
p
t
u
p
n
I
r
e
p
t
n
e
r
r
u
C
y
l
p
p
u
S
)
4
(
V C
C
.
x
a
M
=
n
e
p
O
n
i
P
B
&
A
g
n
il
g
g
o
T
t
u
p
n
I
l
o
r
t
n
o
C
e
l
c
y
C
y
t
u
D
%
0
5
5
2
.
0/
A
m
z
H
M
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
(1)
.
m
o
C
s
t
i
n
U
.
x
a
M.
n
i
M
t H
L
P
t L
H
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
x
A
o
t
x
B
,
x
B
o
t
x
A
CL
,
F
p
0
5
=
RL 5
=
0
s
m
h
o
0
R5
=
0
s
m
h
o
0
5
2
.
0
s
n
t H
Z
P
t L
Z
P
e
m
i
T
e
l
b
a
n
E
s
u
B
x
B
r
o
x
A
o
t
E
B
15
.
4
t Z
H
P
t Z
L
P
e
m
i
T
e
l
b
a
s
i
D
s
u
B
x
B
r
o
x
A
o
t
E
B
10
.
5


Similar Part No. - PI3B16211K

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
   3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16210A PERICOM-PI3B16210A Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210AE PERICOM-PI3B16210AE Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210B PERICOM-PI3B16210B Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
More results

Similar Description - PI3B16211K

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
   3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
   3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B16215 PERICOM-PI3B16215 Datasheet
560Kb / 5P
   3.3V, Hot Insertion, 20-Bit FET BusSwitch w/Precharged Outputs
PI3C3861 PERICOM-PI3C3861 Datasheet
157Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 10-Bit, 2-Port, BusSwitch
PI5C16215C PERICOM-PI5C16215C Datasheet
166Kb / 5P
   20-Bit,Hot Insertion,BusSwitch with Precharged Outputs & Undershoot Protection
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
   3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B3244 PERICOM-PI3B3244_10 Datasheet
616Kb / 4P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245 PERICOM-PI3B3245_10 Datasheet
672Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3244 PERICOM-PI3B3244 Datasheet
186Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245QEX PERICOM-PI3B3245QEX Datasheet
672Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com