Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13751 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC13751
Description  DUAL-BAND UPMIXER AND DRIVER AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13751 Datasheet(HTML) 2 Page - Motorola, Inc

  MC13751 Datasheet HTML 1Page - Motorola, Inc MC13751 Datasheet HTML 2Page - Motorola, Inc MC13751 Datasheet HTML 3Page - Motorola, Inc MC13751 Datasheet HTML 4Page - Motorola, Inc MC13751 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC13751
2
MOTOROLA RF PRODUCTS DEVICE DATA
CONTACT CONNECTIONS
RF Out Low Band
Gnd
RF Out High Band
Enable
Band Select
Gnd
IF+ High Band
IF- High Band
LO+
LO-
IF- Low Band
IF+ Low Band
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
24
23
22
21
20
19
VCC
High
Band
Gnd
Gain
Control
DRV In
High Band
MixOut
High
Band
Gnd
MixOut
Low
Band
Gnd
DRV In
Low Band
Gnd
VCC
Low
Band
Gnd
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VCC
3.6
V
LO Input Power
0
dBm
IF Input Level
0
dBm
Operating Temperature Range
TA
–30 to 85
°C
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics tables.
2. ESD (electrostatic discharge) immunity meets Human Body Model (HBM) ≤250 V and
Machine Model (MM) ≤25 V. Additional ESD data available upon request.
DC ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Voltage
2.7
2.78
2.86
V
Power Supply Current
53
64
mA
Enable
V
Inactive State
0.6
Active State
1.6
Band
V
800 MHz Enabled
0.6
1900 MHz Enabled
1.6
Power Down State Leakage Current (0.2 V Logic Levels)
25
µA
Gain Select Voltage
V
Gain High = 1
1.6
Gain Low = 0
0.6
Gain Select (enable and band signals current)
10
µA


Similar Part No. - MC13751

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1373 MOTOROLA-MC1373 Datasheet
211Kb / 3P
   TV Video Modulator
MC1374 MOTOROLA-MC1374 Datasheet
112Kb / 10P
   TV MODULATOR CIRCUIT
MC1374P MOTOROLA-MC1374P Datasheet
112Kb / 10P
   TV MODULATOR CIRCUIT
MC13760 MOTOROLA-MC13760 Datasheet
128Kb / 6P
   GSM/DCS/TDMA/AMPS Multi-Protocol Transceiver
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
More results

Similar Description - MC13751

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
   1.9 GHz UPMIXER AND EXCITER AMPLIFIER
logo
RF Micro Devices
RF2643 RFMD-RF2643 Datasheet
375Kb / 16P
   3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
logo
National Semiconductor ...
LP3939 NSC-LP3939 Datasheet
116Kb / 7P
   Power Amplifier Driver For Dual Band CDMA Handsets
logo
TriQuint Semiconductor
TGA4512-SM TRIQUINT-TGA4512-SM_15 Datasheet
670Kb / 13P
   Ka-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012 Datasheet
715Kb / 8P
   X Band Driver Amplifier
logo
TriQuint Semiconductor
TGA4042-EPU TRIQUINT-TGA4042-EPU Datasheet
321Kb / 10P
   Q-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5010B UMS-CHA5010B Datasheet
54Kb / 4P
   X Band Driver Amplifier
logo
TriQuint Semiconductor
TGA4042 TRIQUINT-TGA4042 Datasheet
407Kb / 10P
   Q-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012_15 Datasheet
526Kb / 10P
   X Band Driver Amplifier
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com