Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66271FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M66271FP
Description  OPERATION PANEL CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66271FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M66271FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66271FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66271FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66271FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66271FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66271FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66271FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M66271FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M66271FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
OPERATION PANEL CONTROLLER
M66271FP
MITSUBISHI <DIGITAL ASSP>
Control register
M66271FP has 9 kinds of control register.
To set mode from MPU to control register,use IOCS,
LWR,RD,A<4:0> and D<7:0>.
(1) Kind of control register
Kind of register
Address
Functions of register
R/W
No.
Name
A3 A2 A1
R2
Horizontal display
character number
register
Set the number of horizontal display
characters per line.
W
R3
Horizontal
synchronous pulse
width register
Set the pulse width of LP per line.
W
R5
Set the number of display line of
vertical direction.
W
Set the display start address of VRAM.
Set lower 8-bit to SAL and upper 6-bit to
SAH. Max=257FH
Control register Table
R6
Display start
address register
R7
R/W
R1 Mode register
D6 – D0 set the basic mode.
D7 is the status register of cycle steal
state.
R4
Cycle steal enable
width register
Set the term of cycle steal enable access
during horizontal synchronous term.
W
R8
M cycle variable
register
Set the cycle of LCD alternating signal
from M .
W
D7=Only
"R"
R/W
A0
Data
D7
D6
D5
D4
D3
D2
D1
D0
CR
LPW
SLT
SAL
SAH
DISP
REV
LCDE
OSCC
CSW
MT
CSES
A4
R9
R10
R11
Data port
register
VRAM address
index register
01
00
0
10
00
0
00
00
0
11
00
0
01
10
0
10
10
0
00
10
0
11
10
0
00
00
1
01 0
0
1
10
00
1
Data port register for accessing VRAM
through the register.
Set the address for accessing VRAM.
Set lower 8-bit to IDXL and upper 6-bit to
IDXH.
Max=257FH
And automatically increase in continuous
address .
R/W
DP
IDXL
IDXH
R/W
Note:Data port register(DP) and VRAM address index register(IDXL,IDXH) are exclusive register,when using this IC for
the LCD module built-in system.
When RESET,each register is initialize the setting which is assumed LCD size of 320
×240 dots.
Then,even if each register has not setting,output the signal to LCD side ,it is possible to be alternation of LCD.
RESET
Vertical line
number register


Similar Part No. - M66271FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66271FP RENESAS-M66271FP Datasheet
290Kb / 28P
   Operation Panel Controller
More results

Similar Description - M66271FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66271FP RENESAS-M66271FP Datasheet
290Kb / 28P
   Operation Panel Controller
logo
National Semiconductor ...
FPD85308 NSC-FPD85308 Datasheet
474Kb / 31P
   Panel Timing Controller
FPD85310 NSC-FPD85310 Datasheet
440Kb / 29P
   Panel Timing Controller
logo
Unisonic Technologies
TS2043 UTC-TS2043 Datasheet
209Kb / 8P
   TOUCH PANEL CONTROLLER
logo
Texas Instruments
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
logo
List of Unclassifed Man...
CS5843 ETC2-CS5843 Datasheet
76Kb / 1P
   LCD Panel Timing Controller
YGV610B ETC1-YGV610B Datasheet
417Kb / 7P
   COLOR PANEL DISPLAY CONTROLLER
RTD2020 ETC1-RTD2020 Datasheet
84Kb / 11P
   FLAT PANEL DISPLAY CONTROLLER
MTL007 ETC2-MTL007 Datasheet
291Kb / 65P
   SXGA Flat Panel Controller
logo
Realtek Semiconductor C...
RTD2522 REALTEK-RTD2522 Datasheet
844Kb / 94P
   Flat Panel Display Controller
June 20, 2003 Revision 0.81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com