Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES35P40-75CC2Y Datasheet(PDF) 3 Page - Excel Semiconductor Inc.

Part # ES35P40-75CC2Y
Description  4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES35P40-75CC2Y Datasheet(HTML) 3 Page - Excel Semiconductor Inc.

  ES35P40-75CC2Y Datasheet HTML 1Page - Excel Semiconductor Inc. ES35P40-75CC2Y Datasheet HTML 2Page - Excel Semiconductor Inc. ES35P40-75CC2Y Datasheet HTML 3Page - Excel Semiconductor Inc. ES35P40-75CC2Y Datasheet HTML 4Page - Excel Semiconductor Inc. ES35P40-75CC2Y Datasheet HTML 5Page - Excel Semiconductor Inc. ES35P40-75CC2Y Datasheet HTML 6Page - Excel Semiconductor Inc. ES35P40-75CC2Y Datasheet HTML 7Page - Excel Semiconductor Inc. ES35P40-75CC2Y Datasheet HTML 8Page - Excel Semiconductor Inc. ES35P40-75CC2Y Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ES I
ES I
3
Rev. 0D May 11 , 2006
ES25P40
Excel Semiconductor inc.
ADVANCED INFORMATION
PIN DESCRIPTIONS
Pin
Description
SCK
Serial Clock Input
SI
Serial Data Input
SO
Serial Data Output
CS#
Chip Select Input
W#
Write Protect Input
HOLD#
Hold Input
Vcc
Supply Voltage Input
GND
Ground Input
HOLD#
SO
CS#
W#
GND
VCC
SCK
SI
1
2
3
4
5
6
7
8
Connection Diagrams
8-pin Plastic Small Outline Package (SO)


Similar Part No. - ES35P40-75CC2Y

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES35P16-75CC2R EXCELSEMI-ES35P16-75CC2R Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CC2T EXCELSEMI-ES35P16-75CC2T Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CC2Y EXCELSEMI-ES35P16-75CC2Y Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CG2R EXCELSEMI-ES35P16-75CG2R Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES35P16-75CG2T EXCELSEMI-ES35P16-75CG2T Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
More results

Similar Description - ES35P40-75CC2Y

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES25P16 EXCELSEMI-ES25P16 Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80 EXCELSEMI-ES25P80 Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com