Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME28-461 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # FME28-461
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME28-461 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  FME28-461 Datasheet HTML 1Page - Interpoint Corporation Company FME28-461 Datasheet HTML 2Page - Interpoint Corporation Company FME28-461 Datasheet HTML 3Page - Interpoint Corporation Company FME28-461 Datasheet HTML 4Page - Interpoint Corporation Company FME28-461 Datasheet HTML 5Page - Interpoint Corporation Company FME28-461 Datasheet HTML 6Page - Interpoint Corporation Company FME28-461 Datasheet HTML 7Page - Interpoint Corporation Company FME28-461 Datasheet HTML 8Page - Interpoint Corporation Company FME28-461 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PIN OUT DOWN-LEADED MODEL
PIN OUT SIDE-LEADED MODELS
MODEL NUMBERING KEY
Angled corner and cover marking indicate pin one for cases U1, U2, and V.
Cover marking indicates pin one for cases W, Y and Z.
TOP VIEW
All FME models, FMD28-461SL,
and FMD270-461SL
(Pin side, marked side)
1
2
3
4
5
6
12
11
10
9
8
7
FME
28 - 461
V
/ 883
Base Model
Input Voltage
MIL-STD-461 Reference
Screening
Case/Lead Option*
(Standard screening has no designator
in this position.)
B3-11
FMD/FME EMI FILTER
0.7 TO 15 AMP
EMI INPUT FILTERS
Outline shown is case U2, pin out is the same for all
side-leaded cases. Also available: flanged – leads bent
down (case V); tabbed – leads bent up (case W), short
leads (case Y), and leads bent down (case Z). See
Section B8, cases U1, U2, V, W, Y, and Z for dimensions.
Pin1
Designation
1, 2, 3
Positive Input
4, 5, 6
Input Common
7, 8, 9
Output Common
10, 11, 12
Positive Output
Case Ground2
Notes
1. All pins must be connected.
2. The baseplate is the only case ground connection and
should directly contact chassis ground.
FMD28-461SL, FMD270-461SL,
FME28-461, and FME270-461
FIGURE 6: PIN OUT SIDE-LEADED MODELS
54
3
12
Squared corner and dot on top
of package indicate pin one.
BOTTOM VIEW
FMD28-461
FIGURE 7: PIN OUT FMD28-461
See Section B8, case J4, for dimensions.
Pin
Designation
1
Positive Input
2
Positive Output
3
Output Common
4
Case Ground1
5
Input Common
Note
1. Although
down-leaded
packages
can
be
connected to chassis ground with the case
ground lead, direct contact of the base plate to
chassis improves EMI performance.
DSCC NUMBERS
DSCC DRAWING
(5915)
95004-01HXC
95004-01HTC
95004-01HUC
95004-01HYC
95004-01HZC
95009-01HXC
IN PROCESS
IN PROCESS
IN PROCESS
IN PROCESS
FME SERIES
SIMILAR PART
FME28-461/883
FME28-461W/883
FME28-461V/883
FME28-461Y/883
FME28-461Z/883
FME270-461/883
FME270-461W/883
FME270-461V/883
FME270-461Y/883
FME270-461Z/883
FMD28-461
For exact specifications for a DSCC product, refer to the
DSCC drawing. Contact your Interpoint representative for
status on the FME DSCC releases. See Section A3,
“SMD/DSCC Lists”, for more information.
*Case/Lead Option: See section B8, cases J4, U1, U2, V, W, Y, and Z for
drawings and dimensions, see Section A5 for ordering information.
FME models: Case U2 has no designator in the case/lead option position.
To designate a case option add the case letter to the model number –
FME28-461V.
FMD models: Case J4 (down-leaded) has no designator in the case/lead-
option position. To designate case U1 (side-leaded) for the FMD place
"SL" in the case/lead option position – FMD28-461SL. The 270 volt FMD
is only available in the side-leaded case – FMD270-461SL.


Similar Part No. - FME28-461

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FME28-461/883 CRANE-FME28-461/883 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Interpoint Corporation ...
FME28-461/883 INTERPOINT-FME28-461/883 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
logo
Crane Aerospace & Elect...
FME28-461V CRANE-FME28-461V Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FME28-461V/883 CRANE-FME28-461V/883 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
More results

Similar Description - FME28-461

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
FMGA-461 INTERPOINT-FMGA-461_15 Datasheet
349Kb / 14P
   FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com