Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160MXC1800M35X35 Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # 160MXC1800M35X35
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

160MXC1800M35X35 Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  160MXC1800M35X35 Datasheet HTML 1Page - RUBYCON CORPORATION 160MXC1800M35X35 Datasheet HTML 2Page - RUBYCON CORPORATION 160MXC1800M35X35 Datasheet HTML 3Page - RUBYCON CORPORATION 160MXC1800M35X35 Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
WV
Cap
(μF)
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
160
180
WV
Cap
(μF)
470
390
330
270
220
180
560
680
820
1000
1200
1500
1800
2200
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
200
220
WV
Cap
(μF)
120
100
82
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
250
315
20×25
20×30
20×30
20×35
20×40
20×45
20×25
20×30
20×35
20×40
20×45
22×25
22×25
22×30
22×35
22×40
22×45
22×50
22×25
22×30
22×35
22×40
22×45
22×50
25×25
25×30
25×35
25×40
25×45
25×25
25×30
25×35
25×40
25×45
25×50
30×25
30×30
30×30
30×35
30×40
30×45
35×30
35×25
35×30
35×35
35×45
35×50
30×25
30×30
30×35
30×40
30×45
30×50
35×30
35×25
35×30
35×35
35×40
35×50
20×25
20×30
20×30
20×35
20×40
20×25
20×30
20×30
20×35
20×40
20×45
22×25
22×30
22×30
22×35
22×40
22×45
22×50
22×25
22×25
22×30
22×35
22×40
22×45
25×25
25×30
25×35
25×40
25×45
25×30
25×25
25×30
25×30
25×35
25×40
25×45
30×25
30×30
30×30
30×35
30×40
30×50
35×30
35×35
35×40
35×45
35×50
30×25
30×30
30×30
30×35
30×40
30×45
35×30
35×25
35×35
35×40
35×45
35×50
20×35
20×30
20×40
20×45
20×30
20×30
20×25
20×35
20×40
20×50
22×25
22×30
22×35
22×40
22×45
22×50
22×30
22×35
22×25
22×25
22×40
22×45
22×50
25×30
25×35
25×40
25×45
25×50
25×25
25×25
25×25
25×35
25×30
25×40
25×45
30×25
30×30
30×30
30×35
30×40
30×45
35×30
35×35
35×35
35×40
35×50
30×25
30×25
30×30
30×35
30×40
30×45
30×50
35×30
35×30
35×25
35×25
35×35
35×40
35×45
1.10
1.24
1.20
1.42
1.57
1.70
1.30
1.21
1.41
1.54
1.74
0.93
1.20
1.30
1.40
1.55
1.20
1.35
1.42
1.60
2.00
2.25
1.51
1.74
2.00
2.25
1.78
2.00
1.38
1.55
1.78
2.00
2.49
1.74
2.00
2.25
2.49
2.25
2.54
1.55
2.00
2.25
2.52
2.84
3.32
2.25
2.45
2.68
3.00
3.50
4.00
2.90
3.00
2.00
2.26
2.60
2.95
3.30
3.65
◆STANDARD SIZE, RATED RIPPLE CURRENT
1.00
1.10
1.15
1.25
1.42
1.10
1.25
1.31
1.31
1.45
0.86
1.04
1.08
0.99
1.30
1.45
1.63
1.04
1.32
1.42
1.60
1.75
1.95
1.45
1.60
1.78
1.95
1.67
1.77
1.26
1.45
1.54
1.66
2.10
1.60
1.78
2.00
2.30
1.87
2.04
2.64
3.08
2.30
2.65
3.08
3.48
3.55
1.48
1.65
1.82
1.78
2.00
2.48
2.88
1.93
2.33
2.65
2.96
3.39
1.10
1.00
1.20
1.35
1.15
1.00
1.28
1.49
0.75
0.69
0.64
0.82
0.90
1.00
0.75
0.62
0.82
0.92
1.04
1.60
1.72
1.35
1.57
1.80
1.16
1.22
0.76
0.82
0.90
1.04
1.15
1.23
1.85
2.10
1.49
1.65
1.80
2.00
2.18
1.40
1.04
1.15
1.15
1.33
1.47
2.40
2.00
2.30
2.35
2.50
3.00
1.70
2.05
2.14
1.32
1.47
1.70
1.90
2.17
2.20
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC
WV
Cap
(μF)
56
68
82
100
120
150
180
220
270
330
390
470
560
680
20×30
20×30
20×25
20×35
20×40
20×45
20×25
20×30
20×30
20×35
20×40
22×25
22×30
22×35
22×40
22×45
22×50
22×25
22×25
22×30
22×35
22×40
22×45
22×50
25×25
25×30
25×35
25×30
25×40
25×45
25×25
25×25
25×30
25×35
25×40
25×45
30×25
30×30
30×30
30×35
30×40
30×45
25×50
30×50
35×30
35×25
35×35
35×35
35×40
35×45
30×25
30×30
30×30
30×35
30×40
30×45
30×50
35×25
35×30
35×30
35×35
35×40
35×45
0.60
0.55
0.47
0.70
0.78
0.88
0.69
0.75
0.82
0.92
0.42
0.47
0.52
0.60
0.68
0.49
0.55
0.66
0.71
1.05
1.18
0.75
0.83
0.92
1.05
1.18
0.83
0.92
1.03
0.66
0.71
0.83
0.92
1.03
1.30
1.14
0.77
0.89
1.01
1.15
1.65
1.45
0.92
1.02
1.18
1.35
1.52
1.85
1.70
1.20
1.22
1.48
1.90
2.00
1.32
1.46
1.72
1.03
1.13
1.35
1.50
1.79
1.99
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
350
385


Similar Part No. - 160MXC1800M35X35

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
160MXG1000M22X40 RUBYCON-160MXG1000M22X40 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
160MXG1000M25X35 RUBYCON-160MXG1000M25X35 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
160MXG1000M30X25 RUBYCON-160MXG1000M30X25 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
160MXG1200M25X40 RUBYCON-160MXG1200M25X40 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
160MXG1200M30X30 RUBYCON-160MXG1200M30X30 Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 160MXC1800M35X35

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com