Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1084T53UF Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G1084T53UF
Description  5A Adjustable Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084T53UF Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G1084T53UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084T53UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084T53UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084T53UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084T53UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084T53UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084T53UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084T53UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ver: 1.1
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G1084
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN-VOUT = 3V, VOUT = 1.25V, CIN = 220µF, COUT = 220µF, TA=25°C, unless otherwise noted.)
0
10
20
30
40
50
60
70
10
100
1000
10000
100000
1000000
Frequency (Hz)
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
1.275
2.533.544.555.5
6
VIN (V)
625mA
1A
(VIN-VOUT)>Vdropout
Vripple<0.5VP-P
COUT = 220µF
T = 25°C
T = -25°C
Line Transient Response
Load Transient Response
Short Circuit-Current
Output Noise
Ripple Rejection
Line Regulation


Similar Part No. - G1084T53UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084T53UF GMT-G1084T53UF Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
More results

Similar Description - G1084T53UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com