Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1084T41U Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G1084T41U
Description  5A Adjustable Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084T41U Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1084T41U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084T41U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084T41U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084T41U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084T41U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084T41U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084T41U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084T41U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver: 1.1
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1084
Global Mixed-mode Technology Inc.
5A Adjustable Low-Dropout Linear Regulator
Features
Available in Adjust Version
Space Saving TO-252 Package and TO-263
Package
Internal Short Circuit Current Limiting
Internal Over Temperature Protection
Output Current 5A
Applications
Post Regulation for Switching DC/DC Con-
verter
High Efficiency Linear Regulator
Battery Charger
Battery Powered Instrumentation
Motherboard
General Description
The G1084 is a low dropout linear regulator with a
dropout of 1.2V at 5A of load current. It is avail-
able in an adjustable version, which can set the
output from 1.25V to 5V with only two external
resistors.
The G1084 provides over temperature and over
current protection circuits to prevent it from being
damaged by abnormal operating conditions.
The G1084 is available in TO-252 and TO-263
packages. A minimum of 220µF tantalum electro-
lytic capacitor is required at the output to improve
the transient response and stability.
Ordering Information
PIN OPTION
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING TEMP. RANGE PACKAGE
1
2
3
G1084T43U
G1084T43Uf
G1084
-40°C to +85°C
TO-252
GND/ADJ
VOUT
VIN
G1084T53U
G1084T53Uf
G1084
-40°C to +85°C
TO-263
GND/ADJ
VOUT
VIN
* For other package types and pin options, please contact us at sales @gmt.com.tw
Order Number Identification
GXXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T4: TO-252
1
2
3
U: Tape & Reel
T5: TO-263
3: GND/ADJ
VOUT
VIN
Package Type
Typical Application
[Note 4]: Type of COUT
VIN
G1084
C1
220µF
VOUT
IO
COUT
220µF
R2
R1
GND/ADJ
VIN
VOUT
Top View
1
2
3
TO-252、TO-263
VIN
G1084
C1
220µF
VOUT
IO
COUT
220µF
R2
R1
GND/ADJ
VIN
VOUT
Top View
1
2
3
TO-252、TO-263


Similar Part No. - G1084T41U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084T43U GMT-G1084T43U Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084T43UF GMT-G1084T43UF Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
More results

Similar Description - G1084T41U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com