Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES29F640FT-70WC Datasheet(PDF) 4 Page - Excel Semiconductor Inc.

Part # ES29F640FT-70WC
Description  16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29F640FT-70WC Datasheet(HTML) 4 Page - Excel Semiconductor Inc.

  ES29F640FT-70WC Datasheet HTML 1Page - Excel Semiconductor Inc. ES29F640FT-70WC Datasheet HTML 2Page - Excel Semiconductor Inc. ES29F640FT-70WC Datasheet HTML 3Page - Excel Semiconductor Inc. ES29F640FT-70WC Datasheet HTML 4Page - Excel Semiconductor Inc. ES29F640FT-70WC Datasheet HTML 5Page - Excel Semiconductor Inc. ES29F640FT-70WC Datasheet HTML 6Page - Excel Semiconductor Inc. ES29F640FT-70WC Datasheet HTML 7Page - Excel Semiconductor Inc. ES29F640FT-70WC Datasheet HTML 8Page - Excel Semiconductor Inc. ES29F640FT-70WC Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
ES I
ES I
4
Rev. 0B January 5 , 2006
ES29LV160E
Excel Semiconductor inc.
PIN DESCRIPTION
Pin
Description
A0-A19
20 Addresses
DQ0-DQ14
15 Data Inputs/Outputs
DQ15/A-1
DQ15 (Data Input/Output, Word Mode)
A-1 (LSB Address Input, Byte Mode)
CE#
Chip Enable
OE#
Output Enable
WE#
Write Enable
RESET#
Hardware Reset Pin, Active Low
BYTE#
Selects 8-bit or 16-bit mode
RY/BY#
Ready/Busy Output (N/A SO 044)
Vcc
3.0 volt-only single power supply
(see Product Selector Guide for speed options and voltage supply tolerances)
Vss
Device Ground
NC
Pin Not Connected Internally
LOGIC SYMBOL
DQ0 ~ DQ15
(A-1)
RY/BY#
(N/A SO 044)
BYTE#
RESET#
OE#
CE#
A0 ~ A19
WE#
20
16 or 8


Similar Part No. - ES29F640FT-70WC

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29F640FT-70TGI EXCELSEMI-ES29F640FT-70TGI Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29F640FT-70WC

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV320D EXCELSEMI-ES29LV320D Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV800D EXCELSEMI-ES29LV800D Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com