Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5104T1UF Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G5104T1UF
Description  300mA Alkaline Boost DC/DC Converters in SOT-23-5
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5104T1UF Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G5104T1UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5104T1UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5104T1UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5104T1UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5104T1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5104T1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5104T1UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ver: 1.2
Mar 01, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G5104
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
SW to GND………………………….……….-0.3V to +7V
FB to GND…………… ……………………....-0.3V to VCC
VCC, SHDN to GND...........................….....-0.3V to +7V
Operating Temperature Range (Note 1) -40°C to +85°C
Junction Temperature ......….......….......….........+125°C
Storage Temperature…………......……-65°C to +150°C
Reflow Temperature (Soldering, 10 sec)…….…+260°C
Stress beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device.
Electrical Characteristics
(VCC = 3.6V, V SHDN = 3.6V, TA = 25°C)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
1.7
---
5.5
V
Not Switching
---
40
80
µA
Quiescent Current
V SHDN = 0V
---
0.1
1
µA
FB Comparator Trip Point
1.18
1.2
1.22
V
Output Voltage Line Regulation
2.5V<VIN<5.5V
---
-0.05
---
%/V
FB Pin Bias Current (Note 2)
VFB = 1.2V
---
---
1
µA
Switch Off Time
---
450
---
ns
Switch VDS(ON)
ISW = 0.4A
---
120
160
mV
Switch Current Limit
400
500
600
mA
SHDN
Pin Current
---
0.1
1
µA
SHDN
Input Voltage High
0.9
---
---
V
SHDN
Input Voltage Low
---
---
0.25
V
Switch Leakage Current
Switch Off, VSW = 7V
---
0.01
5
µA
Note 1: The G5104 are guaranteed to meet performance specifications from 0°C to 85°C. Specifications over the
-40°C to 85°C operating temperature range are assured by design, characterization and correlation with
statistical process controls.
Note 2: Bias current flows into the FB pin.
Block Diagram
+
+
VREF
BIAS
SHUTDOWN
LOGIC
C2
SW
L1
SHDN
VCC
C1
R1
R2
V
OUT
FB
ERROR
COMP
1.2V
en_sw
GND
PUMP CONTROL
OC
COMP
DRIVER
TOFF PULSE
CONTROL
VOUT
VIN
C3
(option)
+
+
VREF
BIAS
SHUTDOWN
LOGIC
C2
SW
L1
SHDN
VCC
C1
R1
R2
V
OUT
FB
ERROR
COMP
1.2V
en_sw
GND
PUMP CONTROL
OC
COMP
DRIVER
TOFF PULSE
CONTROL
VOUT
VIN
C3
(option)


Similar Part No. - G5104T1UF

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
G510402 E-SWITCH-G510402 Datasheet
273Kb / 1P
   All Dimension In MM
G510405 E-SWITCH-G510405 Datasheet
41Kb / 1P
   All Dimension In MM
G510406 E-SWITCH-G510406 Datasheet
268Kb / 1P
   All Dimension In MM
G510407 E-SWITCH-G510407 Datasheet
160Kb / 1P
   All Dimension In MM
G510430 E-SWITCH-G510430 Datasheet
40Kb / 1P
   All Dimension In MM
More results

Similar Description - G5104T1UF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641A EXAR-SP6641A Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Global Mixed-mode Techn...
G5122 GMT-G5122 Datasheet
182Kb / 6P
   Micro-power Inverting DC/DC Converters in SOT-23-5
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com