Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5121X Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # 5121X
Description  Fixed Frequency White LED Step-Up Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

5121X Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  5121X Datasheet HTML 1Page - Global Mixed-mode Technology Inc 5121X Datasheet HTML 2Page - Global Mixed-mode Technology Inc 5121X Datasheet HTML 3Page - Global Mixed-mode Technology Inc 5121X Datasheet HTML 4Page - Global Mixed-mode Technology Inc 5121X Datasheet HTML 5Page - Global Mixed-mode Technology Inc 5121X Datasheet HTML 6Page - Global Mixed-mode Technology Inc 5121X Datasheet HTML 7Page - Global Mixed-mode Technology Inc 5121X Datasheet HTML 8Page - Global Mixed-mode Technology Inc 5121X Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ver: 1.1
Nov 17, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G5121
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
VCC, SHDN to GND.….....................……-0.3V to +7V
FB to GND.....................….........................-0.3V to VCC
SW, OVP to GND……….……..…………..-0.3V to +24V
Operating Temperature.….…………….....-40°C to 85°C
Junction Temperature......................….................125°C
Storage Temperature……....……..….….-65°C to 150°C
Reflow Temperature (soldering, 10sec)……...…260°C
ESD Rating (Human Body Model)………….….……2kV
Stress beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device.
Electrical Characteristics
(VCC=V SHDN =3.6V, TA=25°C)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
2.5
---
6
V
Input Voltage UVLO
1.7
2.0
2.3
V
Over Voltage Protection Threshold
trigger
18.5
19.5
21
V
Over Voltage Protection Threshold
release
13.5
15
16.5
V
OVP Pin Input Current
Vovp = 16V
---
40
60
µA
VFB = 0.3V (no switching)
---
80
120
µA
VFB = 0.2V (switching)
---
---
2
mA
Quiescent Current
V SHDN = 0V
---
0.1
1
µA
Initial Accuracy
244
254
264
mV
FB Comparator Trip Point
Temperature Coefficient
---
100
---
ppm/°C
Switching Frequency
VFB = 0.2V
0.8
1.0
1.2
MHz
Maximum Duty
85
---
---
%
Switch RDS(ON)
ISW = 150mA
---
0.7
1.0
Ω
Switch Leakage Current
VSW = 20V
---
0.1
10
µA
Switch Current Limit
500
600
700
mA
Soft Start Time
---
120
---
µs
SHDN
Pin Voltage High
2
---
---
V
SHDN
Pin Voltage Low
---
---
0.8
V


Similar Part No. - 5121X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5121 ETC2-5121 Datasheet
462Kb / 1P
   THM TEST POINTS
logo
Keystone Electronics Co...
5121 KEYSTONE-5121 Datasheet
277Kb / 1P
   THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Spectrum Microwave, Inc...
512133 SPECTRUM-512133 Datasheet
61Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
logo
API Technologies Corp
512133 APITECH-512133 Datasheet
172Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
logo
Spectrum Microwave, Inc...
512134 SPECTRUM-512134 Datasheet
61Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
More results

Similar Description - 5121X

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com