Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE6138 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TE6138
Description  IEEE1284 Peripheral Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TE6138 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TE6138 Datasheet HTML 6Page - List of Unclassifed Manufacturers TE6138 Datasheet HTML 7Page - List of Unclassifed Manufacturers TE6138 Datasheet HTML 8Page - List of Unclassifed Manufacturers TE6138 Datasheet HTML 9Page - List of Unclassifed Manufacturers TE6138 Datasheet HTML 10Page - List of Unclassifed Manufacturers TE6138 Datasheet HTML 11Page - List of Unclassifed Manufacturers TE6138 Datasheet HTML 12Page - List of Unclassifed Manufacturers TE6138 Datasheet HTML 13Page - List of Unclassifed Manufacturers TE6138 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
TEL Original Products
TE6138
Rev.1.02
TOKYO ELECTRON DEVICE LIMITED
10
2.
A3
A2
A1
A0
0
0
0
-
1
0
0
1
(ECP
)
(ECP
)
0
1
0
0
1
1
1
0
0
ACK
1
0
1
-
ACK
1
1
0
-
Nibble/Byte
1
0
1
1
1
-
Nibble/Byte
2
0
0
0
ECP
ECP
0
0
1
RLE
-
0
1
0
ECP
-
0
1
1
ECP
DMA
1
0
0
-
ECP
1
0
1
-
2
1
1
0
-
ECP
1
1
1
1
-


Similar Part No. - TE6138

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE60 SLPOWER-TE60 Datasheet
761Kb / 4P
   60W Single Output External Power
logo
Tripp Lite. All Rights ...
TE600 TRIPPLITE-TE600 Datasheet
487Kb / 4P
   TE Series 120V 600VA 425W Line-Interactive UPS,AVR, Tower, DB9 Serial port
logo
Transys Electronics
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Topstek Inc.
TE600A TOPSTEK-TE600A Datasheet
105Kb / 2P
   Topstek Current Transducers
logo
Transys Electronics
TE600B TRSYS-TE600B Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
More results

Similar Description - TE6138

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD-766 AMD-AMD-766 Datasheet
568Kb / 96P
   Peripheral Bus Controller
logo
List of Unclassifed Man...
PL-2305 ETC1-PL-2305 Datasheet
45Kb / 1P
   USB TO IEEE1284 BRIDGE CONTROLLER Bi-Direction Parallel Interface
NET2272 ETC2-NET2272 Datasheet
560Kb / 102P
   USB 2.0 Peripheral Controller
logo
Siemens Semiconductor G...
SAB82C250 SIEMENS-SAB82C250 Datasheet
729Kb / 34P
   ADVANCED PERIPHERAL INTERFACE CONTROLLER
logo
Renesas Technology Corp
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
   ASSP (USB2.0 Peripheral Controller)
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
   ASSP (USB2.0 Peripheral Controller)
2004.10.01
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
logo
SMSC Corporation
TMC2072 SMSC-TMC2072_07 Datasheet
652Kb / 106P
   Peripheral Mode CircLink??Controller
logo
Zilog, Inc.
Z84C1510AEG ZILOG-Z84C1510AEG Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com