Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50RX3022M8X115 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 50RX3022M8X115
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50RX3022M8X115 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  50RX3022M8X115 Datasheet HTML 1Page - RUBYCON CORPORATION 50RX3022M8X115 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆DIMENSIONS
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
RX30
SERIES
RX30
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−25∼+130℃
−40∼+130℃
10∼100Vdc
200, 400Vdc
10∼100Vdc
10∼100Vdc
200, 400Vdc
10∼100Vdc
200, 400Vdc
200, 400Vdc
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater.
  (After 2 minutes application of rated voltage)
I=0.1CV+40μA (1 minute)
I=0.03CV+15μA (5 minutes)
I=0.04CV+100μA (1 minute)
I=0.02CV+25μA (5 minutes)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
tanδ
0.20
10
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
0.08
100
0.15
200
0.20
400
Rated Voltage
(Vdc)
Z
(−25℃)
/Z
(20℃)
10
16
25
35
50
63
322222
Z
(−40℃)
/Z
(20℃) 643333
100
2
3−
200
3
400
6
Leakage Current
Dissipation Factor
Capacitance Change
Within ±30% of the
initial value.
Not more than 300%
of the specified value.
Within ±20% of the
initial value.
Not more than 200%
of the specified value.
Not more than the specified value.
2000
1000
2000
Case Size
Life Time
(hrs)
After applying rated voltage with rated ripple current for specified time at 130℃,
the capacitors shall meet the following requirements.
Load Life : 130℃ 1000∼4000 hours
◆FEATURES
For LED Lighting.
For Automotive applications.
RoHS compliance.
Frequency
(Hz)
Coefficient
60(50) 120
1k
10k 100k≦
0.35 0.42 0.60 0.80 1.00
0.45
4.7μF
10∼33μF
0.55 0.75 0.90 1.00
0.60
47∼330μF
0.70 0.85 0.95 1.00
0.65
470∼1500μF
0.75 0.90 0.98 1.00
0.75
2200∼4700μF
0.80 0.95 1.00 1.00
Frequency
(Hz)
Coefficient
120
1k
10k 100k≦
0.20 0.40 0.80 1.00
1∼5.6μF
6.8∼15μF
0.30 0.60 0.90 1.00
22∼33μF
0.50 0.80 0.90 1.00
(20℃,
120Hz)
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
RX30
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
φD=6.3
φD=8, 10
4000
φD≧12.5
When capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
φD
φd
F
β
0.6
0.5
8
6.3
3.5
2.5
10 12.5 16
18
5.0
7.5
0.8
0.5
1.0
(mm)
CV≦1000
CV>1000
◆OPTION
PET Sleeve
Code
Blank
L+2MAX
15MIN
4MIN
φd
φD+β MAX
SLEEVE(PET)


Similar Part No. - 50RX3022M8X115

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
50RX3033M8X11.5 RUBYCON-50RX3033M8X11.5 Datasheet
175Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
50RX3047M8X11.5 RUBYCON-50RX3047M8X11.5 Datasheet
175Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 50RX3022M8X115

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com