Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173850-1 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 173850-1
Description  MULTILOCK Connector System
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

173850-1 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  173850-1 Datasheet HTML 1Page - TE Connectivity Ltd 173850-1 Datasheet HTML 2Page - TE Connectivity Ltd 173850-1 Datasheet HTML 3Page - TE Connectivity Ltd 173850-1 Datasheet HTML 4Page - TE Connectivity Ltd 173850-1 Datasheet HTML 5Page - TE Connectivity Ltd 173850-1 Datasheet HTML 6Page - TE Connectivity Ltd 173850-1 Datasheet HTML 7Page - TE Connectivity Ltd 173850-1 Datasheet HTML 8Page - TE Connectivity Ltd 173850-1 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
Wire-to-Wire Applications
MULTILOCK Connector System
.040 MULTILOCK Connectors
Section Catalog 1654355-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 5 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
5-5
Technical Features
No. of Positions:
2 Positions
Applicable Wires:
• .040: 0.3–0.5 mm2 (AWG 22–20)
Raw Material:
• Housing
Cap: PBT
Plug: PBT
Product Specification:
108-5352
Application Specifications:
114-5108 (040 tab contacts)
114-5094 (040 receptacle contacts)
114-5162 (040 receptacle contacts)
Technical Features
No. of Positions:
4 Positions
Applicable Wires:
• .040: 0.3–0.5 mm2 (AWG 22–20)
Raw Material:
• Housing
Cap: PBT
Plug: PBT
Product Specification:
108-5352
Application Specifications:
114-5108 (040 tab contacts)
114-5094 (040 receptacle contacts)
114-5162 (040 receptacle contacts)
No. of
Terminate
Plug
Cap Housing
Cap Housing
Cap Housing
Mating Plug
Positions
To
Assembly
Horizontal Mount
Vertical Mount
2
Wire
174056-2
174057-2
4
Wire
174966-2
174967-2
Note: All Part Numbers are RoHS and ELV compliant.
174056-2
174057-2
174966-2
174967-2


Similar Part No. - 173850-1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173850 FESTO-173850 Datasheet
86Kb / 1P
   Air preparation unit
8/21/22
logo
Weidmuller
1738500000 WEIDMULLER-1738500000 Datasheet
742Kb / 22P
   Cable glands
More results

Similar Description - 173850-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1123387-1 MACOM-1123387-1 Datasheet
46Kb / 1P
   040III MULTILOCK CONNECTOR
316991-6 MACOM-316991-6 Datasheet
71Kb / 1P
   MULTILOCK Connectors and Contacts
logo
List of Unclassifed Man...
174922-1 ETC2-174922-1 Datasheet
26Kb / 1P
   .070 MULTILOCK Connectors Wire to wire Applications
logo
TE Connectivity Ltd
2822343-1 TEC-2822343-1 Datasheet
293Kb / 5P
   Housing for Female Terminals, Wire-to-Wire, 7 Position, .079 in [2 mm] Centerline, Sealable, Green, Power, Multilock Connector System
12/19/2022
logo
Tyco Electronics
1565543-1 MACOM-1565543-1 Datasheet
57Kb / 1P
   12POSITIONS CAP HOUSING ASSEMBLY 040 MULTILOCK CONNECTOR MK-II VERTICAL TYPE
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com