Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR151-1215 Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # HR151-1215
Description  DC/DC CONVERTERS 12 & 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR151-1215 Datasheet(HTML) 7 Page - Interpoint Corporation Company

  HR151-1215 Datasheet HTML 1Page - Interpoint Corporation Company HR151-1215 Datasheet HTML 2Page - Interpoint Corporation Company HR151-1215 Datasheet HTML 3Page - Interpoint Corporation Company HR151-1215 Datasheet HTML 4Page - Interpoint Corporation Company HR151-1215 Datasheet HTML 5Page - Interpoint Corporation Company HR151-1215 Datasheet HTML 6Page - Interpoint Corporation Company HR151-1215 Datasheet HTML 7Page - Interpoint Corporation Company HR151-1215 Datasheet HTML 8Page - Interpoint Corporation Company HR151-1215 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
B8-12
CASE F
CASES
Materials
Header Case F1
Cold Rolled Steel/Nickel/Gold
Cases F2 - F4
Cold Rolled Steel/Nickel/Tin
Cover
Case F1
Kovar/Nickel
Cases F2 - F4
Cold Rolled Steel/Nickel/Tin
Pins
#52 alloy (all cases)
MHV Series Triple – compression glass seal
MTR Series Triple, case F1 – ceramic seal
MTR Series Triple, case F2 – compression glass seal
HUM40 – compression glass seal or ceramic seal
Case F3 – compression glass seal
Case F4 – compression glass seal or ceramic seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CASE F
BOTTOM VIEW
See Figures 20 - 23 for pin configuration
1.350 max
(34.29)
1.950 max
(49.53)
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Dot on top of case indicates pin one
10
9876
0.000
0.170
(4.32)
1.170
(29.72)
12345
0.040 dia.
(1.02)
MTR
Series
MHV
Series
Bathtub
Platform
MTR Series Triple and MHV Series Triple: Screening – Standard, ES, or 883
BOTTOM VIEW CASE F1
Seam Seal
Dot on top of case indicates pin one
FIGURE 20: CASE F1
FIGURE 19: CASE F MAXIMUM DIMENSIONS
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.


Similar Part No. - HR151-1215

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
HR151-2812 CRANE-HR151-2812 Datasheet
410Kb / 7P
   DC/DC Converters 12 & 28 Volt Input
More results

Similar Description - HR151-1215

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
HR151-2812 CRANE-HR151-2812 Datasheet
410Kb / 7P
   DC/DC Converters 12 & 28 Volt Input
logo
Interpoint Corporation ...
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MTO1212T CRANE-MTO1212T Datasheet
180Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Interpoint Corporation ...
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MHE2812S CRANE-MHE2812S Datasheet
134Kb / 9P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com