Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD125SCU200A Datasheet(PDF) 2 Page - Sensitron

Part # SD125SCU200A
Description  SILICON SCHOTTKY RECTIFIER DIE Ultra-low Reverse Leakage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD125SCU200A Datasheet(HTML) 2 Page - Sensitron

  SD125SCU200A Datasheet HTML 1Page - Sensitron SD125SCU200A Datasheet HTML 2Page - Sensitron SD125SCU200A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 312, REV. A
0.0
0.2
0.4
0.6
0.8
1.0
Forward Voltage Drop - VF (V)
10-2
10-1
100
101
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
40
80
120
160
200
240
Reverse Voltage - VR (V)
10-5
10-4
10-3
10-2
10-1
100
101
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
40
80
120
160
200
240
Reverse Voltage - VR (V)
0
60
120
180
240
300
Typical Junction Capacitance
SD125SCU200A/B/C


Similar Part No. - SD125SCU200A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD125SCU100A SENSITRON-SD125SCU100A Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD125SCU100B SENSITRON-SD125SCU100B Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD125SCU100C SENSITRON-SD125SCU100C Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
More results

Similar Description - SD125SCU200A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD125SB100A SENSITRON-SD125SB100A Datasheet
195Kb / 2P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage
SD200SB100A SENSITRON-SD200SB100A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage
SD275SCU100A SENSITRON-SD275SCU100A Datasheet
46Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD200SC150A SENSITRON-SD200SC150A Datasheet
60Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126422 SENSITRON-SHD126422 Datasheet
86Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage
SD275SC150A SENSITRON-SD275SC150A Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD125SCU100A SENSITRON-SD125SCU100A Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD175SC150A SENSITRON-SD175SC150A Datasheet
84Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200C Operating Temperature
SHD124535 SENSITRON-SHD124535 Datasheet
57Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD124236 SENSITRON-SHD124236 Datasheet
81Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com