Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63YXH5600M125X35 Datasheet(PDF) 7 Page - RUBYCON CORPORATION

Part # 63YXH5600M125X35
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

63YXH5600M125X35 Datasheet(HTML) 7 Page - RUBYCON CORPORATION

  63YXH5600M125X35 Datasheet HTML 1Page - RUBYCON CORPORATION 63YXH5600M125X35 Datasheet HTML 2Page - RUBYCON CORPORATION 63YXH5600M125X35 Datasheet HTML 3Page - RUBYCON CORPORATION 63YXH5600M125X35 Datasheet HTML 4Page - RUBYCON CORPORATION 63YXH5600M125X35 Datasheet HTML 5Page - RUBYCON CORPORATION 63YXH5600M125X35 Datasheet HTML 6Page - RUBYCON CORPORATION 63YXH5600M125X35 Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rated voltage 100V(2A)
6.8
62
126
260
335
325
408
400
518
527
595
740
765
895
875
1030
1010
1130
1140
1350
1280
1300
1650
1560
1900
1720
2130
1890
2470
1.8
1.0
0.50
0.36
0.34
0.26
0.25
0.17
0.18
0.16
0.12
0.13
0.11
0.096
0.096
0.080
0.077
0.070
0.062
0.060
0.072
0.049
0.052
0.040
0.042
0.036
0.036
0.032
7.3
4.1
2.2
1.7
1.4
1.3
1.2
0.76
0.86
0.67
0.57
0.52
0.52
0.36
0.40
0.34
0.32
0.30
0.23
0.25
0.27
0.18
0.19
0.15
0.15
0.13
0.13
0.12
15
27
39
56
68
82
100
120
82
120
180
220
270
330
150
220
390
470
560
180
330
390
680
820
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
47
10×12.5
270
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
470
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
16×16
16×20
20℃, 100kHz
−10℃, 100kHz
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXH
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)


Similar Part No. - 63YXH5600M125X35

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
63YXA1000M16X25 RUBYCON-63YXA1000M16X25 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXA100M10X125 RUBYCON-63YXA100M10X125 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXA10M5X11 RUBYCON-63YXA10M5X11 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXA22000M18X40 RUBYCON-63YXA22000M18X40 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXA2200M10X20 RUBYCON-63YXA2200M10X20 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 63YXH5600M125X35

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com