Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS80LV52-24PL Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS80LV52-24PL
Description  CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS80LV52-24PL Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS80LV52-24PL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS80LV52-24PL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS80LV52-24PL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS80LV52-24PL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS80LV52-24PL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS80LV52-24PL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS80LV52-24PL Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS80LV52-24PL Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS80LV52-24PL Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
IS80LV52
IS80LV32
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
ADVANCE INFORMATION MC019-0A
10/01/98
ISSI®
The detail description of each bit is as follows:
PSW:
Program Status Word. Bit Addressable.
7
6
54321
0
CY
AC
F0
RS1
RS0
OV
P
Register Description:
CY
PSW.7
Carry flag.
AC
PSW.6
Auxiliary carry flag.
F0
PSW.5
Flag 0 available to the user for
general purpose.
RS1
PSW.4
Register bank selector bit 1.(1)
RS0
PSW.3
Register bank selector bit 0.(1)
OV
PSW.2
Overflow flag.
PSW.1
Usable as a general purpose flag
P
PSW.0
Parity flag. Set/Clear by hardware each
instruction cycle to indicate an odd/even
number of “1” bits in the accumulator.
Note:
1. The value presented by RS0 and RS1 selects the corre-
sponding register bank.
RS1
RS0
Register Bank
Address
0
0
0
00H-07H
0
1
1
08H-0FH
1
0
2
10H-17H
1
1
3
18H-1FH
PCON:
Power Control Register. Not Bit Addressable.
7
6
54321
0
SMOD —
GF1
GF0
PD
IDL
Register Description:
SMOD
Double baud rate bit. If Timer 1 is used to generate
baud rate and SMOD=1, the baud rate is doubled
when the serial port is used in modes 1, 2, or 3.
Not implemented, reserve for future use.(1)
Not implemented, reserve for future use.(1)
Not implemented, reserve for future use.(1)
GF1
General purpose flag bit.
GF0
General purpose flag bit.
PD
Power-down bit. Setting this bit activates power-
down operation in the IS80LV52/32.
IDL
Idle mode bit. Setting this bit activates idle mode
operation in the IS80LV52/32. If 1s are written to
PD and IDL at the same time, PD takes
precedence.
Note:
1. User software should not write 1s to reserved bits. These bits
may be used in future products to invoke new features.
IE:
Interrupt Enable Register. Bit Addressable.
7
6
54321
0
EA
ET2
ES
ET1
EX1
ET0 EX0
Register Description:
EA
IE.7
Disable all interrupts. If EA=0, no
interrupt will be acknowledged. If
EA=1, each interrupt source is
individually enabled or disabled by
setting or clearing its enable bit.
IE.6
Not implemented, reserve for future
use.(5)
ET2
IE.5
Enables or disables timer 2 overflow
interrupt.
ES
IE.4
Enable or disable the serial port
interrupt.
ET1
IE.3
Enable or disable the timer 1 overflow
interrupt.
EX1
IE.2
Enable or disable external interrupt 1.
ET0
IE.1
Enable or disable the timer 0 overflow
interrupt.
EX0
IE.0
Enable or disable external interrupt 0.
Note:
To use any of the interrupts in the 80C51 Family, the following
three steps must be taken:
1. Set the
EA (enable all) bit in the IE register to 1.
2. Set the coresponding individual interrupt enable bit in the IE
register to 1.
3. Begin the interrupt service routine at the corresponding
Vector Address of that interrupt (see below).
Interrupt Source
Vector Address
IE0
0003H
TF0
000BH
IE1
0013H
TF1
001BH
RI & TI
0023H
TF2 and EXF2
002BH
4. In addition, for external interrupts, pins INT0 and INT1 (P3.2
and P3.3) must be set to 1, and depending on whether the
interrupt is to be level or transition activated, bits IT0 or IT1
in the TCON register may need to be set to 0 or 1.
ITX = 0 level activated (X = 0, 1)
ITX = 1 transition activated
5. User software should not write 1s to reserved bits. These bits
may be used in future products to invoke new features.


Similar Part No. - IS80LV52-24PL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51-24PL ISSI-IS80LV51-24PL Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51-24PLI ISSI-IS80LV51-24PLI Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51-24PQ ISSI-IS80LV51-24PQ Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51-24PQI ISSI-IS80LV51-24PQI Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
More results

Similar Description - IS80LV52-24PL

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com