Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS80LV52-40PL Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS80LV52-40PL
Description  CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS80LV52-40PL Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS80LV52-40PL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS80LV52-40PL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS80LV52-40PL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS80LV52-40PL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS80LV52-40PL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS80LV52-40PL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS80LV52-40PL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS80LV52-40PL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS80LV52-40PL Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
IS80LV52
IS80LV32
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
ADVANCE INFORMATION MC019-0A
10/01/98
ISSI®
SPECIAL FUNCTION REGISTERS
(continued)
Stack Pointer (SP)
The Stack Pointer Register is eight bits wide. It is incremented
before data is stored during PUSH and CALL executions.
While the stack may reside anywhere in on-chip RAM, the
Stack Pointer is initialized to 07H after a reset. This causes
the stack to begin at location 08H.
Data Pointer (DPTR)
The Data Pointer consists of a high byte (DPH) and a low
byte (DPL). Its function is to hold a 16-bit address. It may be
manipulated as a 16-bit register or as two independent
8-bit registers.
Ports 0 To 3
P0, P1, P2, and P3 are the SFR latches of Ports 0, 1, 2, and
3, respectively.
Serial Data Buffer (SBUF)
The Serial Data Buffer is actually two separate registers, a
transmit buffer and a receive buffer register. When data is
moved to SBUF, it goes to the transmit buffer, where it is
held for serial transmission. (Moving a byte to SBUF
initiates the transmission.) When data is moved from SBUF,
it comes from the receive buffer.
Timer Registers
Register pairs (TH0, TL0), (TH1, TL1), and (TH2, TL2) are
the 16-bit Counter registers for Timer/Counters 0, 1, and 2,
respectively.
Capture Registers
The register pair (RCAP2H, RCAP2L) are the Capture
registers for the Timer 2 Capture Mode. In this mode, in
response to a transition at the IS80LV52/32's T2EX pin,
TH2 and TL2 are copied into RCAP2H and RCAP2L. Timer
2 also has a 16-bit auto-reload mode, and RCAP2H and
RCAP2L hold the reload value for this mode.
Control Registers
Special Function Registers IP, IE, TMOD, TCON, T2CON,
SCON, and PCON contain control and status bits for the
interrupt system, the Timer/Counters, and the serial port.
They are described in later sections of this chapter.


Similar Part No. - IS80LV52-40PL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51-24PL ISSI-IS80LV51-24PL Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51-24PLI ISSI-IS80LV51-24PLI Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51-24PQ ISSI-IS80LV51-24PQ Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51-24PQI ISSI-IS80LV51-24PQI Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
More results

Similar Description - IS80LV52-40PL

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com