Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2453DSTRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2453DSTRPBF
Description  SELF-OSCILLATING FULL-BRIDGE DRIVER IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2453DSTRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS2453DSTRPBF Datasheet HTML 1Page - International Rectifier IRS2453DSTRPBF Datasheet HTML 2Page - International Rectifier IRS2453DSTRPBF Datasheet HTML 3Page - International Rectifier IRS2453DSTRPBF Datasheet HTML 4Page - International Rectifier IRS2453DSTRPBF Datasheet HTML 5Page - International Rectifier IRS2453DSTRPBF Datasheet HTML 6Page - International Rectifier IRS2453DSTRPBF Datasheet HTML 7Page - International Rectifier IRS2453DSTRPBF Datasheet HTML 8Page - International Rectifier IRS2453DSTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
IRS2453D
PbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal resistance and power
dissipation ratings are measured under board mounted and still air conditions.
Parameter
Symbol
Definition
Min.
Max.
Units
VB1, VB2
High Side Floating Supply Voltage
-0.3
625
V
VS1, VS2
High Side Floating Supply Offset Voltage
VB - 25
VB + 0.3
V
V
HO1,
V
HO2
High-Side Floating Output Voltage
VS - 0.3
VB + 0.3
V
V
LO1,
V
LO2
Low-Side Output Voltage
-0.3
VCC + 0.3
V
VRT
RT Pin Voltage
-0.3
VCC + 0.3
V
VCT
CT Pin Voltage
-0.3
VCC + 0.3
V
VSD
SD Pin Voltage
-0.3
VCC + 0.3
V
IRT
RT Pin Current
-5
5
mA
ICC
Supply Current (Note 1)
---
25
mA
dVS/dt
Allowable Offset Voltage Slew Rate
-50
50
V/ns
PD
Maximum Power Dissipation @ TA ≤ +25ºC, 8-Pin DIP
---
1.0
W
PD
Maximum Power Dissipation @ TA ≤ +25ºC, 8-Pin SOIC
---
0.625
W
RθJA
Thermal Resistance, Junction to Ambient, 8-Pin DIP
---
125
ºC/W
RθJA
Thermal Resistance, Junction to Ambient, 8-Pin SOIC
---
200
ºC/W
TJ
Junction Temperature
-55
150
TS
Storage Temperature
-55
150
ºC
TL
Lead Temperature (Soldering, 10 seconds)
---
300
Note 1: This IC contains a zener clamp structure between the chip VCC and COM which has a nominal
breakdown voltage of 15.6V. Please note that this supply pin should not be driven by a DC, low
impedance power source greater than the VCLAMP specified in the Electrical Characteristics section.


Similar Part No. - IRS2453DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2453DSTRPBF IRF-IRS2453DSTRPBF Datasheet
509Kb / 18P
   Integrated 600 V full-bridge gate driver
logo
Infineon Technologies A...
IRS2453DSTRPBF INFINEON-IRS2453DSTRPBF Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
More results

Similar Description - IRS2453DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2153 IRF-IRS2153 Datasheet
336Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
logo
Infineon Technologies A...
IRS2153DPBF INFINEON-IRS2153DPBF Datasheet
363Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
Data Sheet No. PD60238 revE
logo
International Rectifier
IRS2153D IRF-IRS2153D_15 Datasheet
360Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
   Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com