Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV10248-8MI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61LV10248-8MI
Description  1M x 8 HIGH-SPEED CMOS STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV10248-8MI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61LV10248-8MI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV10248-8MI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV10248-8MI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV10248-8MI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV10248-8MI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV10248-8MI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV10248-8MI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV10248-8MI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV10248-8MI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. C
04/13/06
IS61LV10248
ISSI®
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-8
-10
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tRC
ReadCycleTime
8
10
ns
tAA
AddressAccessTime
8
10
ns
tOHA
OutputHoldTime
3
3
ns
tACE
CEAccessTime
8
10
ns
tDOE
OEAccessTime
3.5
4
ns
tHZOE(2)
OEtoHigh-ZOutput
3
4
ns
tLZOE(2)
OEtoLow-ZOutput
0
0
ns
tHZCE(2
CEtoHigh-ZOutput
3
0
4
ns
tLZCE(2)
CEtoLow-ZOutput
3
3
ns
tPU
PowerUpTime
0
0
ns
tPD
PowerDownTime
8
10
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse
levels of 0V to 3.0V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage.


Similar Part No. - IS61LV10248-8MI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816 ISSI-IS61LV12816 Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816-10B ISSI-IS61LV12816-10B Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV12816-10B ICSI-IS61LV12816-10B Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV10248-8MI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV10248ALL ISSI-IS61WV10248ALL Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
   CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
   CMOS 1M (128K x 8) Static Ram
logo
Pyramid Semiconductor C...
P4C107 PYRAMID-P4C107 Datasheet
544Kb / 8P
   ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
logo
Sharp Corporation
LH5P8128 SHARP-LH5P8128 Datasheet
116Kb / 13P
   CMOS 1M (128K x 8) Pseudo-Static RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com