Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV3216-15T Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61LV3216-15T
Description  32K x 16 LOW VOLTAGE CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV3216-15T Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

  IS61LV3216-15T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV3216-15T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV3216-15T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV3216-15T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV3216-15T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV3216-15T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV3216-15T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV3216-15T Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IS61LV3216
ISSI®
8
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/17/01
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns) Order Part No.
Package
10
IS61LV3216-10T
Plastic TSOP (Type 2)
10
IS61LV3216-10K
400-mil Plastic SOJ
12
IS61LV3216-12T
Plastic TSOP (Type 2)
12
IS61LV3216-12K
400-mil Plastic SOJ
15
IS61LV3216-15T
Plastic TSOP (Type 2)
15
IS61LV3216-15K
400-mil Plastic SOJ
20
IS61LV3216-20T
Plastic TSOP (Type 2)
20
IS61LV3216-20K
400-mil Plastic SOJ
NOTICE
Integrated Silicon Solution, Inc., reserves the right to make changes to the products contained in this publication in order to
improve design, performance or reliability. Integrated Silicon Solution, Inc. assumes no responsibility for the use of any
circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits
are free of patent infringement. Charts and schedules contained herein reflect representative operating parameters, and may
vary depending upon a user's specific application. While the information in this publication has been carefully checked,
Integrated Silicon Solution, Inc. shall not be liable for any damages arising as a result of any error or omission.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure
or malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect
its safety or effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc.
receives written assurances, to its satisfaction, that: (a) the risk of injury or damage has been minimized; (b) the user assumes
all such risks; and (c) potential liability of Integrated Silicon Solution, Inc. is adequately protected under the circumstances.
Copyright 1997 Integrated Silicon Solution, Inc.
Reproduction in whole or in part, without the prior written consent of Integrated Silicon Solution, Inc., is prohibited.
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Speed (ns) Order Part No.
Package
12
IS61LV3216-12TI
Plastic TSOP (Type 2)
12
IS61LV3216-12KI
400-mil Plastic SOJ
15
IS61LV3216-15TI
Plastic TSOP (Type 2)
15
IS61LV3216-15KI
400-mil Plastic SOJ
20
IS61LV3216-20TI
Plastic TSOP (Type 2)
20
IS61LV3216-20KI
400-mil Plastic SOJ
ISSI®
Integrated Silicon Solution, Inc.
2231 Lawson Lane
Santa Clara, CA 95054
Tel: 1-800-379-4774
Fax: (408) 588-0806
E-mail: sales@issi.com
www.issi.com


Similar Part No. - IS61LV3216-15T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216L ISSI-IS61LV3216L Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-10K ISSI-IS61LV3216L-10K Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-10T ISSI-IS61LV3216L-10T Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-12K ISSI-IS61LV3216L-12K Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-12KI ISSI-IS61LV3216L-12KI Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS61LV3216-15T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216L ISSI-IS61LV3216L Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com