Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV3216-15K Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61LV3216-15K
Description  32K x 16 LOW VOLTAGE CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV3216-15K Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61LV3216-15K Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IS61LV3216
ISSI®
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/17/01
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-10
-12
-15
-20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
10
12
15
20
ns
tAA
Address Access Time
10
12
15
20
ns
tOHA
Output Hold Time
3
3
3
3
ns
tACE
CE Access Time
10
12
15
20
ns
tDOE
OE Access Time
5
6
7
8ns
tHZOE(2) OE to High-Z Output
0
5
0
6
0
7
0
8
ns
tLZOE(2)
OE to Low-Z Output
0
0
0
0
ns
tHZCE(2
CE to High-Z Output
0
5
0
6
0
7
0
8
ns
tLZCE(2)
CE to Low-Z Output
4
4
4
4
ns
tBA
LB, UB Access Time
5
6
7
8ns
tHZB
LB, UB to High-Z Output
0
5
0
6
0
7
0
8
ns
tLZB
LB, UB to Low-Z Output
5
5
5
5
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of
0 to 3.0V and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1a and 1b
AC TEST LOADS
Figure 1a.
Figure 1b.
319
30 pF
Including
jig and
scope
353
OUTPUT
3.3V
319
5 pF
Including
jig and
scope
353
OUTPUT
3.3V
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Note:
1. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - IS61LV3216-15K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216L ISSI-IS61LV3216L Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-10K ISSI-IS61LV3216L-10K Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-10T ISSI-IS61LV3216L-10T Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-12K ISSI-IS61LV3216L-12K Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-12KI ISSI-IS61LV3216L-12KI Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS61LV3216-15K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216L ISSI-IS61LV3216L Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com