Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS874003AGT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS874003AGT
Description  PCI EXPRESS JITTER ATTENUATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS874003AGT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS874003AGT Datasheet HTML 1Page - Integrated Circuit Systems ICS874003AGT Datasheet HTML 2Page - Integrated Circuit Systems ICS874003AGT Datasheet HTML 3Page - Integrated Circuit Systems ICS874003AGT Datasheet HTML 4Page - Integrated Circuit Systems ICS874003AGT Datasheet HTML 5Page - Integrated Circuit Systems ICS874003AGT Datasheet HTML 6Page - Integrated Circuit Systems ICS874003AGT Datasheet HTML 7Page - Integrated Circuit Systems ICS874003AGT Datasheet HTML 8Page - Integrated Circuit Systems ICS874003AGT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Integrated
Circuit
Systems, Inc.
874003AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 25, 2006
3
ICS874003
PCI EXPRESS
JITTER ATTENUATOR
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DD + 0.5V
Package Thermal Impedance,
θ
JA
73.2°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
5
7A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
0
1A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
0
1
1A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
,
R
M
,
B
E
O
,
A
E
O
B
L
E
S
_
F
,
A
L
E
S
_
F
2V
D
D
3
.
0
+V
L
E
S
_
W
BV
D
D
4
.
0
-V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
,
R
M
,
B
E
O
,
A
E
O
B
L
E
S
_
F
,
A
L
E
S
_
F
3
.
0
-8
.
0V
L
E
S
_
W
B
4
.
0V
V
M
I
e
g
a
t
l
o
V
d
i
M
t
u
p
n
IL
E
S
_
W
BV
D
D
1
.
0
-
2
/V
D
D
1
.
0
+
2
/V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
B
E
O
,
A
E
OV
D
D
V
=
N
I
V
5
6
4
.
3
=5
A
µ
B
L
E
S
_
F
,
A
L
E
S
_
F
L
E
S
_
W
B
,
R
M
V
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
I
L
I
t
u
p
n
It
n
e
r
r
u
C
w
o
L
,
L
E
S
_
W
B
B
E
O
,
A
E
O
V
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
,
R
M
B
L
E
S
_
F
,
A
L
E
S
_
F
V
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=5
-A
µ


Similar Part No. - ICS874003AGT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003AG-02 IDT-ICS874003AG-02 Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS874003AG-02LF IDT-ICS874003AG-02LF Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS874003AG-02LFT IDT-ICS874003AG-02LFT Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS874003AG-02T IDT-ICS874003AG-02T Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
More results

Similar Description - ICS874003AGT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
   PCI EXPRESS??Jitter Attenuator
logo
Integrated Circuit Syst...
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
   PCI Express, Jitter Attenuator
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
   PCI Express??Jitter Attenuator
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
   PCI Express Jitter Attenuator
March 11, 2016
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS9DB202 IDT-ICS9DB202_06 Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com