Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFK2062-P1-000T Datasheet(PDF) 5 Page - Mimix Broadband

Part # CFK2062-P1-000T
Description  800 to 900 MHz 30 dBm Power GaAs FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFK2062-P1-000T Datasheet(HTML) 5 Page - Mimix Broadband

  CFK2062-P1-000T Datasheet HTML 1Page - Mimix Broadband CFK2062-P1-000T Datasheet HTML 2Page - Mimix Broadband CFK2062-P1-000T Datasheet HTML 3Page - Mimix Broadband CFK2062-P1-000T Datasheet HTML 4Page - Mimix Broadband CFK2062-P1-000T Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CFK2062-P1
Product Specifications - December 1997
(4 of 4)
Celeritek reserves the right to make changes without further notice to any products herein. Celeritek makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does Celeritek assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different applications. All operating
parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Celeritek does not convey any license under its patent
rights nor the rights of others. Celeritek products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Celeritek product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Celeritek products for any such unintended or unauthorized application, Buyer shall indemnify and hold Celeritek and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Celeritek was negligent
regarding the design or manufacture of the part. Celeritek is a registered trademark of Celeritek, Inc. Celeritek, Inc. is an Equal Opportunity/Affirmative Action Employer.
Ordering Information
The CFK2062-P1 power stage is available in a SO-8 surface mount package. Devices are available in tape and reel. Ordering part
numbers are listed.
Part Number for Ordering
Function
Package
CFK2062-P1
800 - 900 MHz Power Stage
SO-8 surface mount power package
CFK2062-P1-000T
800 - 900 MHz Power Stage
SO-8 surface mount power package in tape and reel
Thermal Considerations
The data shown was taken on a 31 mil thick FR-4 board with 1 ounce copper on both sides. The board was mounted to a base-
plate with 3 screws as shown. The screws bring the top side copper temperature to the same value as the baseplate. The thermal
resistance to the indicated reference lead,
ΘJL, is 12°C/W. The thermal resistance to the reference screw is 14°C/W.
1. Use 1 or 2 ounce copper if possible.
2. Solder all eight leads of the CFK2062-P1 package to the appropriate electrical connection.
3. Solder the copper pad on the backside of the CFK2062-P1 package to the ground plane.
4. Use a large ground pad area with many plated through-holes as shown.
5. If possible, use at least one screw no more than 0.2 inches from the CFK2062-P1 package to provide a low thermal resistance
path to the baseplate of the package.


Similar Part No. - CFK2062-P1-000T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2062-P1-000T MIMIX-CFK2062-P1-000T Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
More results

Similar Description - CFK2062-P1-000T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
263Kb / 5P
   800 to 900 MHz 34 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1 Datasheet
412Kb / 3P
   800 to 900 MHz 36 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
   800-900 MHz 34 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_06 Datasheet
414Kb / 2P
   800-900 MHz 36 dBm Power GaAs FET
CFK2062-P3 MIMIX-CFK2062-P3 Datasheet
258Kb / 5P
   1.8 to 2.0 GHz 30 dBm Power GaAs FET
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_09 Datasheet
239Kb / 2P
   36 dBm Power GaAs FET
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
   Low Power 700/800/900 MHz
logo
Mimix Broadband
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com