Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVXZ161284MEX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LVXZ161284MEX
Description  Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXZ161284MEX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVXZ161284MEX Datasheet HTML 1Page - Fairchild Semiconductor 74LVXZ161284MEX Datasheet HTML 2Page - Fairchild Semiconductor 74LVXZ161284MEX Datasheet HTML 3Page - Fairchild Semiconductor 74LVXZ161284MEX Datasheet HTML 4Page - Fairchild Semiconductor 74LVXZ161284MEX Datasheet HTML 5Page - Fairchild Semiconductor 74LVXZ161284MEX Datasheet HTML 6Page - Fairchild Semiconductor 74LVXZ161284MEX Datasheet HTML 7Page - Fairchild Semiconductor 74LVXZ161284MEX Datasheet HTML 8Page - Fairchild Semiconductor 74LVXZ161284MEX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 5: Output impedance is measured with the output active LOW and active HIGH (HD
= HIGH).
Note 6: Power-down leakage to VCC or VCC—Cable is tested by simultaneously forcing all pins on the cable-side (B1–B8, Y9–Y13, PLH, C14–C17 and HLHIN)
to 5.5V and measuring the resulting ICC or ICC—Cable.
Note 7: This parameter is guaranteed but not tested, characterized only.
Note 8: Connect all VCC pins and VCC-Cable pins when forcing voltage applied, DIR = HD = 0V.
Symbol
Parameter
VCC
(V)
VCC—Cable
(V)
TA = 0°CTA = −40°C
Units
Conditions
to
+70°Cto +85°C
Guaranteed Limits
VOL
Maximum LOW
An, HLH
3.0
3.0
0.2
0.2
V
IOL = 50 µA
Level Output
3.0
3.0
0.4
0.4
IOL = 4 mA
Voltage
Bn, Yn
3.0
3.0
0.8
0.8
IOL = 14 mA
Bn, Yn
3.0
4.5
0.77
0.77
IOL = 14 mA
PLH
3.0
3.0
0.85
0.95
IOL = 84 mA
PLH
3.0
4.5
0.8
0.9
IOL = 84 mA
RD
Maximum Output
B1 - B8, Y9 -Y13
3.3
3.3
60
60
(Note 5)(Note 7)
Impedance
3.3
5.0
55
55
Minimum Output
B1 - B8, Y9 - Y13
3.3
3.3
30
30
(Note 5)(Note 7)
Impedance
3.3
5.0
35
35
RP
Maximum Pull-Up
B1 - B8, Y9 - Y13,
3.3
3.3
1650
1650
Resistance
C14 - C17
3.3
5.0
1650
1650
Minimum Pull-Up
B1 -B8, Y9 - Y13
3.3
3.3
1150
1150
Resistance
C14 - C17
3.3
5.0
1150
1150
IIH
Maximum Input
A9 - A13, PLHIN,
3.6
3.6
1.0
1.0
µA
VI = 3.6V
Current in
HD, DIR, HLHIN
HIGH State
C14 - C17
3.6
3.6
50.0
50.0
VI = 3.6V
C14 -C17
3.6
5.5
100
100
VI = 5.5V
IIL
Maximum Input
A9 - A13, PLHIN,
3.6
3.6
−1.0
−1.0
µAVI = 0.0V
Current in
HD, DIR, HLHIN
LOW State
C14 - C17
3.6
3.6
−3.5
−3.5
mA
VI = 0.0V
C14 - C17
3.6
5.5
−5.0
−5.0
IOZH
Maximum Output
A1 - A8
3.6
3.6
20
20
µA
VO = 3.6V
Disable Current
B1 - B8
3.6
3.6
50
50
VO = 3.6V
(HIGH)
B1 - B8
3.6
5.5
100
100
VO = 5.5V
IOZL
Maximum
A1 - A8
3.6
3.6
−20
−20
µA
VO = 0.0V
Output Disable
B1 - B8
3.6
3.6
−3.5
−3.5
mA
Current (LOW)
B1 - B8
3.6
5.5
−5.0
−5.0
IOZPU
Maximum Power-Up
Y9 - Y13
0 to 1.5
0 to 1.5
350
350
µAVO = 5.5V
Disable Current
B1 - B8
(Note 8)
(Note 8)
−5
−5mA VO = 0.0V
IOZPD
Maximum Power-Down Y9 - Y13
0 to 1.5
0 to 1.5
350
350
µAVO = 5.5V
Disable Current
B1 - B8
(Note 8)
(Note 8)
−5
−5mA VO = 0.0V
IOFF
Power Down
B1 - B8, Y9 - Y13,
0.0
0.0
100
100
µAVO = 5.5V
Output Leakage
PLH
IOFF
Power Down
C14–C17, HLHIN
0.0
0.0
100
100
µAVI = 5.5V
Input Leakage
IOFF—ICC
Power Down
0.0
0.0
250
250
µA
(Note 6)
Leakage to VCC
IOFF—ICC2 Power Down Leakage
0.0
0.0
250
250
µA
(Note 6)
to VCC—Cable
ICC
Maximum Supply
3.6
3.6
45
45
mA
VI = VCC or GND
Current
3.6
5.5
70
70
mA
VI = VCC or GND


Similar Part No. - 74LVXZ161284MEX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX00 FAIRCHILD-74LVX00 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX00 ONSEMI-74LVX00 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX00M FAIRCHILD-74LVX00M Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
ON Semiconductor
74LVX00M ONSEMI-74LVX00M Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
More results

Similar Description - 74LVXZ161284MEX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LVX161284A FAIRCHILD-74LVX161284A Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVX161284 FAIRCHILD-74LVX161284 Datasheet
114Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
ON Semiconductor
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Texas Instruments
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com