Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM2308 Datasheet(PDF) 3 Page - Mimix Broadband

Part # CMM2308
Description  800 to 2700 MHz High Dynamic Range Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2308 Datasheet(HTML) 3 Page - Mimix Broadband

  CMM2308 Datasheet HTML 1Page - Mimix Broadband CMM2308 Datasheet HTML 2Page - Mimix Broadband CMM2308 Datasheet HTML 3Page - Mimix Broadband CMM2308 Datasheet HTML 4Page - Mimix Broadband CMM2308 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM2308
Preliminary Product Specifications - August 1996
(2 of 4)
Pin # Name
Description
1
+Vd
Drain voltage. Connect to positive supply.
2
GND
Ground.
3
RF IN
RF input (Internally DC blocked).
4
GND
Ground.
5
GND
Ground.
6
RF OUT
RF output (Internally DC blocked).
7
GND
Ground.
8
GND
Ground.
Vd 1
GND 2
RF IN 3
GND 4
8 GND
7 GND
6 RF OUT
5 GND
Connection Diagram and Pin Description
1
2
3
4
8
7
6
5
+5V
RF IN
0.01µF
RF OUT
Test Circuit Diagram
Typical Performance
The following typical performance parameters were tested in
the test circuit shown at room temperature and with a drain
voltage (+Vd) = 5 V, unless otherwise specified.
Frequency (MHz)
Gain vs Frequency vs Vd
9
13
17
21
25
29
500
1000
1500
2000
2500
3000
3V
4V
5V
6V
Frequency (MHz)
Gain vs Frequency vs Temperature @ 5V
9
13
17
21
25
29
-20°C
0°C
+25°C
+70°C
800 900
1500
1800 2000
2500
2400
Frequency (MHz)
Power Output (P-1) vs Frequency vs Temperature @ 5V
16
17
18
19
20
21
-20°C
0°C
+25°C
+70°C
800 900
1500
1800 2000
2500
2400
Frequency (MHz)
Power Output (P-1) vs Frequency vs V d @ 25°C
9
12
15
18
21
24
800 900
1500
1800 2000
2500
2400
3V
5V
6V
Supply Voltage (V d)
Gain vs V d vs Temperature @ 1.8 GHz
18
20
22
24
26
28
3
4
5
6
-20°C
0°C
+25°C
+70°C


Similar Part No. - CMM2308

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2308 MIMIX-CMM2308 Datasheet
159Kb / 4P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
159Kb / 4P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308-AJ-000T MIMIX-CMM2308-AJ-000T Datasheet
159Kb / 4P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308-AJ-0G00 MIMIX-CMM2308-AJ-0G00 Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
More results

Similar Description - CMM2308

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308 MIMIX-CMM2308_06 Datasheet
159Kb / 4P
   800-2700 MHz High Dynamic Range Amplifier
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
List of Unclassifed Man...
CMM2305 ETC-CMM2305 Datasheet
207Kb / 2P
   800 TO 2700 MHZ BROAD BAND DRIVER AMPLIFIER
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
   800-2700 MHz Broadband Driver Amplifier
logo
Tyco Electronics
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com