Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM2308-AJ Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMM2308-AJ
Description  800 to 2700 MHz High Dynamic Range Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2308-AJ Datasheet(HTML) 5 Page - Mimix Broadband

  CMM2308-AJ Datasheet HTML 1Page - Mimix Broadband CMM2308-AJ Datasheet HTML 2Page - Mimix Broadband CMM2308-AJ Datasheet HTML 3Page - Mimix Broadband CMM2308-AJ Datasheet HTML 4Page - Mimix Broadband CMM2308-AJ Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM2308
Preliminary Product Specifications - August 1996
(4 of 4)
Physical Dimensions
Celeritek reserves the right to make changes without further notice to any products herein. Celeritek makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does Celeritek assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different applications. All operating
parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Celeritek does not convey any license under its patent
rights nor the rights of others. Celeritek products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Celeritek product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Celeritek products for any such unintended or unauthorized application, Buyer shall indemnify and hold Celeritek and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Celeritek was negligent
regarding the design or manufacture of the part. Celeritek is a registered trademark of Celeritek, Inc. Celeritek, Inc. is an Equal Opportunity/Affirmative Action Employer.
Ordering Information
The CMM2308 is available in a surface mount SOIC-8 plastic package.
Part Number for Ordering
Package
CMM2308-AJ
SOIC-8 surface mount narrow body plastic package
CMM2308-AJ-000T
SOIC-8 package in tape and reel
Test Configuration and Evaluation
Celeritek tests the CMM2308 on an FR4 PC test
board. FR4 was chosen for its low loss characteristics at fre-
quencies up to 2.5 GHz. Plated through hole connections
from the top of the board to the backside ground plane mini-
mizes inductance in the ground connections. These through
hole connections are as close as possible to each ground pin.
For evaluation purposes Celeritek offers a prototype
evaluation board (PB-CMM2308-AJ) for the CMM2308.
Please call the factory or a local representative for more
information.
Handling Precaution
Microwave devices are sensitive to electrostatic dis-
charge. Proper precautions should be taken to avoid ESD
damage.
Adjacent Channel Power
π/4 DQPSK Modulation, V
d = 4.8 V


Similar Part No. - CMM2308-AJ

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
159Kb / 4P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308-AJ-000T MIMIX-CMM2308-AJ-000T Datasheet
159Kb / 4P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308-AJ-0G00 MIMIX-CMM2308-AJ-0G00 Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308-AJ-0G0T MIMIX-CMM2308-AJ-0G0T Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
More results

Similar Description - CMM2308-AJ

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308 MIMIX-CMM2308_06 Datasheet
159Kb / 4P
   800-2700 MHz High Dynamic Range Amplifier
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
List of Unclassifed Man...
CMM2305 ETC-CMM2305 Datasheet
207Kb / 2P
   800 TO 2700 MHZ BROAD BAND DRIVER AMPLIFIER
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
   800-2700 MHz Broadband Driver Amplifier
logo
Tyco Electronics
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com