Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM3566-LC Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM3566-LC
Description  3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM3566-LC Datasheet(HTML) 2 Page - Mimix Broadband

  CMM3566-LC Datasheet HTML 1Page - Mimix Broadband CMM3566-LC Datasheet HTML 2Page - Mimix Broadband CMM3566-LC Datasheet HTML 3Page - Mimix Broadband CMM3566-LC Datasheet HTML 4Page - Mimix Broadband CMM3566-LC Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM3566-LC
Features
❏ 7.0V Bias Voltage
❏ +24 dBm Linear Output Power (W-CDMA)
❏ 30 dB Gain at Operating Output
❏ Tested Under Digital Modulation (W-CDMA)
❏ Leadless Chip Carrier (LCC) Package
Applications
❏ Wireless Local Loop Subscriber Units
❏ Wireless Local Loop Base Stations
Description
The CMM3566-LC is a 7.0 V, +24 dBm, linear
power amplifier intended for use in PCS handsets and wireless
local loop subscriber units and base stations. The amplifier is
biased to meet the requirements of linear modulation systems
of W-CDMA.
The CMM3566-LC is packaged in a low-cost, space
efficient, power package that provides excellent electrical sta-
bility and low thermal resistance. The part requires minimal
external circuitry for bias and matching to reduce space and
cost.
3.45 to 3.5 GHz
7.0V, +24 dBm
W-CDMA Power Amplifier
Preliminary Product Information
November 2000
(1 of 4)
Ground Tab
Vg3 1
RF IN 4
Vg2 2
Vg1 3
7 RF OUT/+Vd3
8 RF OUT/+Vd3
5 Vd1
6 Vd2
Ground Tab
Functional Block Diagram
Absolute Maximum Ratings
Parameter
Rating
Parameter
Rating
Parameter
Rating
Drain Voltage (+Vd)
+8 V*
Power Dissipation
5 W
Operating Temperature
-30°C to +90°C
Drain Current (Id)
1.0 A
Thermal Resistance
20°C/W
Channel Temperature
150°C
RF Input Power
0 dBm*
Storage Temperature
-65°C to +150°C
Soldering Temperature
240°C for 5 Sec.
DC Gate Voltage (-Vg)
-4.0 V*
BVGD
18 V
Recommended Operating Conditions
Parameter
Typ
Units
Parameter
Typ
Units
Drain Voltage (+Vd)
7.0
Volts
Operating Temperature (PC Board)
-40 to +70
°C
* Max (+Vd) and (-Vg) under linear operation. Max potential difference across the device at 1dB gain compression point (2Vd + |-Vg|) not to exceed the minimum breakdown voltage (BVGD) of +18V.
Application Information
The CMM3566-LC is a three stage amplifier that requires a
positive and a negative supply voltages for proper operation. It is
essential when turning on the device that the negative supply be
applied before the positive supply. When turning the device off,
the positive supply should be removed before the negative supply
is removed.
The CMM3566-LC can be operated over a range of supply
voltages and bias currents. It is important that the maximum power
dissipation specification for the package be observed at all times
and that the maximum voltage across the device not be exceeded.
Circuit Design Considerations
Biasing Three negative voltages are needed to set the bias current
of the 3-stage GaAs FET power amplifier. The first stage bias is
controlled via Vg1. The second stage bias is controlled via Vg2.
The output stage is controlled via Vg3. The recommended divider
networks for each gate bias shown in the schematic. The positive
supply voltage is applied to pins 5, 6, 7 and 8. The negative volt-
age supplies control the quiescent current of the device. The quies-
cent current needs to be set at the level specified in order to get the
guaranteed RF performances.
Negative bias voltages can also be used to control the gain,
the output power and the operating current during operation of the
device.
Matching Circuits Output matching circuit is required to achieve
the output power and gain guaranteed. Celeritek’s recommenda-
tion for the topology of the matching circuit is shown in the
schematic diagram of the test circuit in this data sheet.
In providing both the negative and positive bias voltages, it is
important to provide adequate de-coupling between the RF signal
and the DC voltages. Inadequate de-coupling could result in low
output power, low gain or oscillation. Celeritek recommends the
bias circuits shown in the evaluation circuit .
– Continued on Page 2 –


Similar Part No. - CMM3566-LC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3566-LC MIMIX-CMM3566-LC Datasheet
183Kb / 4P
   3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
CMM3566-LC-0000 MIMIX-CMM3566-LC-0000 Datasheet
183Kb / 4P
   3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
CMM3566-LC-000T MIMIX-CMM3566-LC-000T Datasheet
183Kb / 4P
   3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
CMM3566-LC MIMIX-CMM3566-LC_07 Datasheet
183Kb / 4P
   3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
More results

Similar Description - CMM3566-LC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3566-LC MIMIX-CMM3566-LC_07 Datasheet
183Kb / 4P
   3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
   46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
   >1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
logo
Transcom, Inc.
TA021-035-32-15 TRANSCOM-TA021-035-32-15 Datasheet
35Kb / 1P
   2.1 - 3.5 GHz 15 dBm Amplifier
logo
Tyco Electronics
MAAP-000073-PKG003 MACOM-MAAP-000073-PKG003 Datasheet
278Kb / 9P
   Amplifier, Power, 1.0 W 4.4-7.0 GHz
logo
Transcom, Inc.
TM059-070-11-33 TRANSCOM-TM059-070-11-33 Datasheet
25Kb / 1P
   5.9 - 7.0 GHz 33 dBm Power Module
logo
Qorvo, Inc
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
   2.7 to 3.5 GHz, 18 W GaN Power Amplifier
TGA2975-SM QORVO-TGA2975-SM Datasheet
537Kb / 18P
   2.7 to 3.5 GHz, 12 W GaN Power Amplifier
QPA1019 QORVO-QPA1019 Datasheet
821Kb / 21P
   4.5 ??7.0 GHz 10 W GaN Power Amplifier
logo
Analog Devices
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
   45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com