Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM3566-LC-000T Datasheet(PDF) 3 Page - Mimix Broadband

Part # CMM3566-LC-000T
Description  3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM3566-LC-000T Datasheet(HTML) 3 Page - Mimix Broadband

  CMM3566-LC-000T Datasheet HTML 1Page - Mimix Broadband CMM3566-LC-000T Datasheet HTML 2Page - Mimix Broadband CMM3566-LC-000T Datasheet HTML 3Page - Mimix Broadband CMM3566-LC-000T Datasheet HTML 4Page - Mimix Broadband CMM3566-LC-000T Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM3566-LC
Preliminary Product Information - November
Parameter
Condition
Min
Typ
Max
Units
Frequency Range
3.45
3.5
GHz
Gain
@ Digital power output
26
28.5
31
dB
Gain Variation
Over supply voltage
2
dB/V
Over temperature
0.03
dB/°C
Harmonics*
2nd (Pout = +22 to +26 dBm)
-35
-30
dBc
3rd (Pout = +22 to +26 dBm) and above
-40
-35
dBc
Linear Output Power
±2.7 MHz from carrier
-43
-40
dBc/30 KHz
(Pout = +22 dBm, Data Rate = 4.096Mc/Sec
±5.25 MHz from carrier
-50
-48
dBc/30 KHz
(Pout = +22 dBm, Data Rate = 4.096Mc/Sec
Linear Output Power
±2.7 MHz from carrier
-38
-35
dBc/30 KHz
(Pout = +24 dBm, Data Rate = 4.096Mc/Sec
±5.25 MHz from carrier
-47
-45
dBc/30 KHz
(Pout = +24 dBm, Data Rate = 4.096Mc/Sec
Wideband Noise
10 MHz Bandwidth
-68
dBc
Noise Figure
Vdd = 7.0 V
5
dB
Return Loss Input
-10
-14
dB
Return Loss Output
-10
-14
dB
Positive Supply Current (Id)
Pout = +24 dBm
540
mA
Quiescent Current (Iq)
No RF
520
mA
Negative Supply Current (-Ig)
Includes external resistor divider
2.0
4.0
mA
Negative Supply Voltage (-Vg)
Into external resistor divider
-0.3
-1.5
-3.0
V
Electrical Characteristics
Unless otherwise specified, the following specifications are guaranteed at 3.45 GHz, room temperature with drain voltage (+Vd) = 7.0 V in Celeritek test fixture.
Modulation When biased as specified, the CMM3566-LC will
achieve the required adjacent channel response for the W-CDMA
linearity. Celeritek tests each product under digital modulation to
ensure compliance to system specifications.
Thermal
1. The copper pad on the backside of the CMM3566-LC must be
soldered to the ground plane.
– Continued from Page 1 –
Frequency
S11
S21
S12
S22
(GHz)
Mag
ANG
Mag
ANG
Mag
ANG
Mag
ANG
0.6
0.646
136.623
2.393
20.992
0.002
-19.228
0.804
-23.817
0.8
0.659
54.979
1.283
17.015
0.003
-80.195
0.682
-89.402
1.0
0.732
-19.826
5.119
-67.405
0.004
-158.535
0.420
-138.407
1.2
0.778
-82.663
8.080
-171.314
0.005
132.866
0.382
-152.437
1.4
0.781
-140.684
10.458
93.318
0.005
67.738
0.533
150.599
1.6
0.751
155.653
12.110
-2.432
0.007
0.028
0.650
69.917
1.8
0.770
14.916
11.272
-176.757
0.006
-124.480
0.874
-61.986
2.0
0.770
11.996
11.158
-179.876
0.006
-126.766
0.880
-63.734
2.2
0.781
-40.876
11.715
106.441
0.007
173.071
0.911
-116.517
2.4
0.772
-81.765
15.438
32.091
0.008
128.121
0.877
-177.609
2.6
0.757
-121.242
21.302
-51.262
0.010
68.938
0.771
103.364
2.8
0.640
176.329
27.182
-150.627
0.011
-13.377
0.756
13.731
3.0
0.447
86.466
29.193
105.943
0.010
-79.627
0.690
-53.854
3.2
0.516
0.714
28.413
4.707
0.011
-137.593
0.471
-91.983
3.4
0.518
-69.213
25.542
-94.768
0.010
152.682
0.383
-99.415
3.6
0.131
-149.583
24.348
164.543
0.012
93.523
0.268
-121.022
3.8
0.423
-13.907
19.130
58.878
0.011
18.708
0.257
-98.953
4.0
0.578
-59.337
14.619
-37.638
0.008
-52.138
0.278
-134.978
S-Parameters
Vdd = 7V, ID 1 & 2 = 200, ID 3 = 300
* The integrity of the input signal at an offset of 5.25 MHz has an adjacent channel performance of not greater than -52 dBc.


Similar Part No. - CMM3566-LC-000T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3566-LC-000T MIMIX-CMM3566-LC-000T Datasheet
183Kb / 4P
   3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
More results

Similar Description - CMM3566-LC-000T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3566-LC MIMIX-CMM3566-LC_07 Datasheet
183Kb / 4P
   3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
   46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
   >1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
logo
Transcom, Inc.
TA021-035-32-15 TRANSCOM-TA021-035-32-15 Datasheet
35Kb / 1P
   2.1 - 3.5 GHz 15 dBm Amplifier
logo
Tyco Electronics
MAAP-000073-PKG003 MACOM-MAAP-000073-PKG003 Datasheet
278Kb / 9P
   Amplifier, Power, 1.0 W 4.4-7.0 GHz
logo
Transcom, Inc.
TM059-070-11-33 TRANSCOM-TM059-070-11-33 Datasheet
25Kb / 1P
   5.9 - 7.0 GHz 33 dBm Power Module
logo
Qorvo, Inc
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
   2.7 to 3.5 GHz, 18 W GaN Power Amplifier
TGA2975-SM QORVO-TGA2975-SM Datasheet
537Kb / 18P
   2.7 to 3.5 GHz, 12 W GaN Power Amplifier
QPA1019 QORVO-QPA1019 Datasheet
821Kb / 21P
   4.5 ??7.0 GHz 10 W GaN Power Amplifier
logo
Analog Devices
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
   45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com