Electronic Components Datasheet Search |
|
HFB35HB20 Datasheet(PDF) 1 Page - International Rectifier |
|
HFB35HB20 Datasheet(HTML) 1 Page - International Rectifier |
1 / 5 page 03/23/01 • Reduced RFI and EMI • Reduced Snubbing • Extensive Characterization of Recovery Parameters • Hermetic Features Description HEXFRED TM diodes are optimized to reduce losses and EMI/RFI in high frequency power conditioning systems. An extensive characterization of the recovery behavior for different values of current, temperature and di/dt simplifies the calculations of losses in the operating conditions. The softness of the recovery eliminates the need for a snubber in most applications. These devices are ideally suited for power converters, motors drives and other applications where switching losses are significant portion of the total losses. Ultrafast, Soft Recovery Diode HEXFRED TM VR = 200V IF(AV) = 35A trr = 35ns Note: Q D.C. = 50% rect. wave R 1/2 sine wave, 60 Hz , P.W. = 8.33 ms HFB35HB20 www.irf.com 1 Parameter Max. Units VR Cathode to Anode Voltage 200 V IF(AV) Continuous Forward Current, Q TC = 80°C 35 IFSM Single Pulse Forward Current, R TC = 25°C 150 PD @ TC = 25°C Maximum Power Dissipation 125 W TJ, TSTG Operating Junction and Storage Temperature Range -55 to +150 °C A Absolute Maximum Ratings CASE STYLE TO-254AA ANODE CATHODE (ISOLATED BASE) PD - 94100 |
Similar Part No. - HFB35HB20 |
|
Similar Description - HFB35HB20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |