Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83196R-718 Datasheet(PDF) 6 Page - Winbond

Part # W83196R-718
Description  VIA BUFFER CHIP (4 X DDR or 2 X DDR 3 X SDRAM)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83196R-718 Datasheet(HTML) 6 Page - Winbond

Back Button W83196R-718 Datasheet HTML 2Page - Winbond W83196R-718 Datasheet HTML 3Page - Winbond W83196R-718 Datasheet HTML 4Page - Winbond W83196R-718 Datasheet HTML 5Page - Winbond W83196R-718 Datasheet HTML 6Page - Winbond W83196R-718 Datasheet HTML 7Page - Winbond W83196R-718 Datasheet HTML 8Page - Winbond W83196R-718 Datasheet HTML 9Page - Winbond W83196R-718 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
W83196R-718/W83196G-718
Publication Release Date: January, 2006
- 3 -
Revision 2.2
4. BLOCK DIAGRAN
DDRT0_SDRAM0
FB_OUT
DDRC0_SDRAM1
DDRT1_SDRAM2
DDRC1_SDRAM3
DDRC2_SDRAM5
DDRT3_SDRAM6
DDRC3_SDRAM7
DDRT2_SDRAM4
DDRT4_SDRAM8
DDRC4_SDRAM9
DDRT5_SDRAM10
DDRC5_SDRAM11
DDRC(11:6)
DDRT(11:6)
Control
Logic
SCLK*
SDATA*
SEL_DDR*
PD#*
BUF_IN
6
6


Similar Part No. - W83196R-718

ManufacturerPart #DatasheetDescription
logo
Winbond
W83196S-14 WINBOND-W83196S-14 Datasheet
217Kb / 15P
   100 MHZ CLOCK FOR BX CHIPSET (2 CHIP)
More results

Similar Description - W83196R-718

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-03 PLL-PLL103-03 Datasheet
149Kb / 7P
   DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
   DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
logo
Winbond
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
   4M X 4 BANKS X 16 BITS DDR SDRAM
W946432AD WINBOND-W946432AD Datasheet
462Kb / 40P
   512K X 4 BANKS X 32 BITS DDR SDRAM
logo
Elite Semiconductor Mem...
M53D5123216A ESMT-M53D5123216A Datasheet
1Mb / 47P
   4M x 32Bit x 4 Banks Mobile DDR SDRAM
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W942508CH WINBOND-W942508CH Datasheet
1Mb / 47P
   8M x 4 BANKS x 8 BIT DDR SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
logo
Etron Technology, Inc.
EM6AA320 ETRON-EM6AA320 Datasheet
366Kb / 17P
   8M x 32 DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com