Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95235CIMMX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM95235CIMMX
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95235CIMMX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM95235CIMMX Datasheet HTML 2Page - National Semiconductor (TI) LM95235CIMMX Datasheet HTML 3Page - National Semiconductor (TI) LM95235CIMMX Datasheet HTML 4Page - National Semiconductor (TI) LM95235CIMMX Datasheet HTML 5Page - National Semiconductor (TI) LM95235CIMMX Datasheet HTML 6Page - National Semiconductor (TI) LM95235CIMMX Datasheet HTML 7Page - National Semiconductor (TI) LM95235CIMMX Datasheet HTML 8Page - National Semiconductor (TI) LM95235CIMMX Datasheet HTML 9Page - National Semiconductor (TI) LM95235CIMMX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Logic Electrical Characteristics (Continued)
SMBus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for V
DD= +3.0 Vdc to +3.6 Vdc, CL (load capacitance) on output lines =
80 pF. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C, unless otherwise noted. The
switching characteristics of the LM95235 fully meet or exceed the published specifications of the SMBus version 2.0. The fol-
lowing parameters are the timing relationships between SMBCLK and SMBDAT signals related to the LM95235. They adhere
to, but are not necessarily, the SMBus specifications.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note
6)
(Note 7)
(Limit)
f
SMB
SMBus Clock Frequency
100
10
kHz (max)
kHz (min)
t
LOW
SMBus Clock Low Time
from V
IN(0)max to VIN(0)max
4.7
25
µs (min)
ms (max)
t
HIGH
SMBus Clock High Time
from V
IN(1)min to VIN(1)min
4.0
µs (min)
t
R,SMB
SMBus Rise Time
(Note 12)
1
µs (max)
t
F,SMB
SMBus Fall Time
(Note 13)
0.3
µs (max)
t
OF
Output Fall Time
C
L = 400 pF,
I
O = 3 mA, (Note 13)
250
ns (max)
t
TIMEOUT
SMBDAT and SMBCLK Time Low for Reset
of Serial Interface (Note 14)
25
35
ms (min)
ms (max)
t
SU;DAT
Data In Setup Time to SMBCLK High
250
ns (min)
t
HD;DAT
Data Out Stable after SMBCLK Low
300
1075
ns (min)
ns (max)
t
HD;STA
Start Condition SMBDAT Low to SMBCLK
Low (Start condition hold before the first
clock falling edge)
100
ns (min)
t
SU;STO
Stop Condition SMBCLK High to SMBDAT
Low (Stop Condition Setup)
100
ns (min)
t
SU;STA
SMBus Repeated Start-Condition Setup
Time, SMBCLK High to SMBDAT Low
0.6
µs (min)
t
BUF
SMBus Free Time Between Stop and Start
Conditions
1.3
µs (min)
SMBus Communication
20174909
www.national.com
6


Similar Part No. - LM95235CIMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235CIMMX NSC-LM95235CIMMX Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235CIMMX/NOPB TI-LM95235CIMMX/NOPB Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Similar Description - LM95235CIMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com